Electronic Components Datasheet Search
  English  ▼

X  

AD5231 Datasheet(PDF) 20 Page - Analog Devices

Part # AD5231
Description  Nonvolatile Memory, 1024-Position Digital Potentiometers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5231 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD5231 Datasheet HTML 16Page - Analog Devices AD5231 Datasheet HTML 17Page - Analog Devices AD5231 Datasheet HTML 18Page - Analog Devices AD5231 Datasheet HTML 19Page - Analog Devices AD5231 Datasheet HTML 20Page - Analog Devices AD5231 Datasheet HTML 21Page - Analog Devices AD5231 Datasheet HTML 22Page - Analog Devices AD5231 Datasheet HTML 23Page - Analog Devices AD5231 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
REV. 0
AD5231
–20–
Programmable 4 mA to 20 mA Current Source
A programmable 4 mA to 20 mA current source can be imple-
mented with the circuit shown in Figure 27.
V+
V–
OP1177
U2
VIN
SLEEP
REF191
GND
VOUT
3
2
4
6
U1
C1
1 F
AD5231
W
A
B
RS
102
RL
100
VL
IL
+5V
–2.048V TO VL
–5V
0 TO (2.048 + VL)
+5V
Figure 27. Programmable 4 mA to 20 mA Current Source
REF191 is a unique low supply headroom precision reference
that can deliver the 20 mA needed at 2.048 V. The load current
is simply the voltage across terminals B-to-W of the digital
potentiometer divided by RS:
I
VD
R
L
REF
S
=
×


(7)
The circuit is simple, but be aware that there are two issues. First,
dual supply op amps are ideal because the ground potential of
REF191 can swing from –2.048 V at zero scale to VL at full scale
of the potentiometer setting. Although the circuit works under
single supply, the programmable resolution of the system will be
reduced. Second, the voltage compliance at VL is limited to 2.5 V or
equivalently a 125
Ω load. Should higher voltage compliance be
needed, users may consider digital potentiometers AD5260, AD5280,
and AD7376. Figure 28 below shows an alternate circuit for high
voltage compliance.
Programmable Bidirectional Current Source
For applications that require bidirectional current control or
higher voltage compliance, a Howland current pump can be a
solution. If the resistors are matched, the load current is:
I
RA
R B
R
RB
V
LW
=
+
()
×
22
1
2
(8)
–15V
OP2177
V+
V–
+15V
+
–
C1
10pF
R2
15k
R1
150k
R2B
50
RL
500
VL
R2A
14.95k
R1
150k
C2
10pF
IL
OP2177
V+
V–
+15V
+
–
–15V
A1
AD5231
A
B W
+2.5V
–2.5V
A2
Figure 28. Programmable Bidirectional Current Source
R2B in theory can be made as small as needed to achieve the
current needed within A2 output current driving capability. In
this circuit OP2177 delivers
±5 mA in both directions and the
voltage compliance approaches 15 V. It can be shown that the
output impedance is:
Z
R
RR
RR
O
=
×
×


1
12
12
1
'
'
–
(9)
ZO can be infinite if resistors R1 and R2 match precisely with R1
and R2A + R2B respectively. On the other hand, ZO can be nega-
tive if the resistors are not matched. As a result, C1 and C2, in
the range of 1 pF to 10 pF, are needed to prevent the oscillation.
Resistance Scaling
AD5231 offers 10 k
Ω, 50 kΩ, and 100 kΩ nominal resistance. For
users who need lower resistance but want to maintain the numbers
of step adjustment, they can parallel multiple devices. For example,
Figure 29 shows a simple scheme of paralleling two AD5231. In
order to adjust half of the resistance linearly per step, users need to
program both devices coherently with the same settings and tie
the terminals as shown.
A1
B1
W1
W2
A2
B2
LD
Figure 29. Reduce Resistance by Half with Linear
Adjustment Characteristics
In voltage divider mode, a much lower resistance can be achieved
by paralleling a discrete resistor as shown in Figure 30. The equiva-
lent resistance become:
R
D
RR
R
WBeq
W
=
() +
1024
12
//
(10)
R
D
RR
R
WAeq
W
= 
() +
1
1024
12
–/ /
(11)
R2
R1
B
W
R2 << R1
A
Figure 30. Lowering the Nominal Resistance
Figures 29 and 30 show that the digital potentiometers change
steps linearly. On the other hand, log taper adjustment is usually
preferred in applications like audio control. Figure 31 shows
another way of resistance scaling. In this configuration, the
smaller the R2 with respect to R1, the more the pseudo log
taper characteristic behaves.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com