Electronic Components Datasheet Search
  English  ▼

X  

AD5231 Datasheet(PDF) 16 Page - Analog Devices

Part # AD5231
Description  Nonvolatile Memory, 1024-Position Digital Potentiometers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5231 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD5231 Datasheet HTML 12Page - Analog Devices AD5231 Datasheet HTML 13Page - Analog Devices AD5231 Datasheet HTML 14Page - Analog Devices AD5231 Datasheet HTML 15Page - Analog Devices AD5231 Datasheet HTML 16Page - Analog Devices AD5231 Datasheet HTML 17Page - Analog Devices AD5231 Datasheet HTML 18Page - Analog Devices AD5231 Datasheet HTML 19Page - Analog Devices AD5231 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
REV. 0
AD5231
–16–
RD
D
RR
WA
AB
W
()
+
1024
1024
(2)
For example, the following output resistance values will be set
for the following RDAC latch codes with VDD = 5 V (applies to
RAB = 10 k
Ω Digital Potentiometers):
Table VIII. RWA(D) at Selected Codes for RAB = 10 k
D(DEC)
RWA(D) (
Ω)
Output State
1023
24.7
Full-Scale
512
5015
MidScale
1
10005
1 LSB
0
10015
Zero-Scale
The typical distribution of RAB from device-to device matches tightly
when they are processed at the same batch. When devices are pro-
cessed at different time, device-to device matching becomes process
lot dependent and exhibits a –40% to +20% variation. The change
in RAB with temperature has a 600 ppm/
°C temperature coefficient.
PROGRAMMING THE POTENTIOMETER DIVIDER
Voltage Output Operation
The digital potentiometer can be configured to generate an
output voltage at the wiper terminal which is proportional to the
input voltages applied to terminals A and B. For example con-
necting A-terminal to 5 V and B-terminal to ground produces
an output voltage at the wiper which can be any value starting at
0 V up to 5 V. Each LSB of voltage is equal to the voltage applied
across terminal AB divided by the 2
N position resolution of the
potentiometer divider.
Since AD5231 can also be supplied by dual supplies, the general
equation defining the output voltage at VW with respect to ground
for any given input voltages applied to terminals A and B is:
VD
D
VV
WAB
B
()
+
1024
(3)
Equation 3 assumes VW is buffered so that the effect of wiper
resistance is nulled. Operation of the digital potentiometer in the
divider mode results in more accurate operation over temperature.
Here the output voltage is dependent on the ratio of the internal
resistors and not the absolute value, therefore, the drift improves
to 15 ppm/
°C. There is no voltage polarity restriction between
terminals A, B, and W as long as the terminal voltage (VTERM)
stays within VSS < VTERM < VDD.
PROGRAMMING EXAMPLES
The following programming examples illustrate typical sequence of
events for various features of the AD5231. Users should refer to
Table III for the instructions and data word format. The Instruction
numbers, addresses, and data appearing at SDI and SDO Pins are
based in hexadecimal in the following examples.
Table IX. Scratch Pad Programming
SDI
SDO
Action
B00100H
XXXXXXH
Loads data 100H into RDAC
register, Wiper W moves to 1/4
full-scale position.
Table X. Incrementing RDAC Followed by Storing the Wiper
Setting to EEMEM
SDI
SDO
Action
B00100H
XXXXXXH
Loads data 100H into RDAC
register, Wiper W moves to 1/4
full-scale position.
E0XXXXH B00100H
Increments RDAC register by one
to 101H.
E0XXXXH E0XXXXH
Increments RDAC register by one
to 102H.
Continue until desired wiper position is reached.
20XXXXH XXXXXXH
Saves RDAC register data into
EEMEM.
Optionally tie
WP to GND to protect EEMEM values.
Table XI. Restoring EEMEM Value to RDAC Register
EEMEM value for RDAC can be restored by Power On, or
Strobing
PR pin, or Programming shown below.
SDI
SDO
Action
10XXXXH XXXXXXH
Restores EEMEM value to RDAC
register.
00XXXXH 10XXXXH
NOP. Recommended step to
minimize power consumption.
8XXXXXH 00XXXXH
Reset EEMEM value to RDAC
register.
Table XII. Using Left Shift by One to Increment +6 dB Step
SDI
SDO
Action
C0XXXXH XXXXXXH
Moves wiper to double the present
data contained in RDAC register.
Table XIII. Storing Additional User Data in EEMEM
SDI
SDO
Action
32AAAAH
XXXXXXH
Stores data AAAAH into spare
EEMEM location USER1. (Allowable
to address in 14 locations with
maximum 16 bits of Data.)
335555H
32AAAAH
Stores data 5555H into spare EEMEM
location USER2.
(Allowable to address in 14 locations
with maximum 16 bits of Data.)
Table XIV. Reading Back Data From Various Memory Locations
SDI
SDO
Action
92XXXXH XXXXXXH
Prepares data read from USER1
location.
00XXXXH 92AAAAH
NOP instruction #0 sends 24-bit
word out of SDO where the last 16
bits contain the contents of USER1
location. NOP command ensures
device returns to idle power dissi-
pation state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com