Electronic Components Datasheet Search
  English  ▼

X  

SCD1284 Datasheet(PDF) 84 Page - Intel Corporation

Part # SCD1284
Description  IEEE 1284-Compatible Parallel Interface Controller with Two High-Speed Asynchronous Serial Ports
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

SCD1284 Datasheet(HTML) 84 Page - Intel Corporation

Back Button SCD1284 Datasheet HTML 80Page - Intel Corporation SCD1284 Datasheet HTML 81Page - Intel Corporation SCD1284 Datasheet HTML 82Page - Intel Corporation SCD1284 Datasheet HTML 83Page - Intel Corporation SCD1284 Datasheet HTML 84Page - Intel Corporation SCD1284 Datasheet HTML 85Page - Intel Corporation SCD1284 Datasheet HTML 86Page - Intel Corporation SCD1284 Datasheet HTML 87Page - Intel Corporation SCD1284 Datasheet HTML 88Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 176 page
background image
CD1284 — IEEE 1284-Compatible Parallel Interface Controller
84
Datasheet
At reset, all bits in the GPIO are cleared and the signals are programmed as inputs.
Note:
Interrupts are not generated on signal changes within the General-Purpose I/O port; the CPU must
periodically poll GPIO to detect changes in external conditions. Therefore, if it is necessary to
detect changes, use the port with signals that change with low-duty cycles.
5.16
Parallel Port Interface
The CD1284 parallel port signals are implemented with Level 2 characteristics – as defined in the
IEEE STD 1284 specification with the exception of transient protection. The port can be directly
connected to the interface cable with the addition of a few external components. The components
consist of passive pull-up resistors, series-impedance-matching resistors, and clipping diodes.
Additional noise-filtering may be required in an end system. Figure 13 on page 85 shows a typical
interface with the components listed above.
Some system designs may require buffers between the CD1284 and the cable. Systems that require
drive cables longer than the specified maximum of 10 m or those that need to protect the CD1284
require inexpensive buffers between it and the cable. The device provides two signal outputs,
PDBEN and EBDIR, that can to connect and control buffers (such as, 74AS245 or equivalent).
These signals do not allow direct control of the buffer. However, the addition of an XNOR gate
provides both an enable control signal and a signal to select the direction of the buffer. PDBEN and
EBDIR are outputs from the control state machine that indicate its current state (see Figure 14 on
page 86).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com