Electronic Components Datasheet Search
  English  ▼

X  

SCD1284 Datasheet(PDF) 99 Page - Intel Corporation

Part # SCD1284
Description  IEEE 1284-Compatible Parallel Interface Controller with Two High-Speed Asynchronous Serial Ports
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

SCD1284 Datasheet(HTML) 99 Page - Intel Corporation

Back Button SCD1284 Datasheet HTML 95Page - Intel Corporation SCD1284 Datasheet HTML 96Page - Intel Corporation SCD1284 Datasheet HTML 97Page - Intel Corporation SCD1284 Datasheet HTML 98Page - Intel Corporation SCD1284 Datasheet HTML 99Page - Intel Corporation SCD1284 Datasheet HTML 100Page - Intel Corporation SCD1284 Datasheet HTML 101Page - Intel Corporation SCD1284 Datasheet HTML 102Page - Intel Corporation SCD1284 Datasheet HTML 103Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 176 page
background image
IEEE 1284-Compatible Parallel Interface Controller — CD1284
Datasheet
99
6.4.3
Modem Service
/* The following routine services the modem change service request. Context switch
is set up by activating the SVCACKM* input, reading the MIVR. The routine reads the
MISR register to determine which modem signal(s) changed. Channel status is an
externally defined variable that this routine updates. */
service_mdm( )
{
char
vector, channel;
vector = inportb(SVCACKM);
/* retrieve and save transmit interrupt
value */
channel = inportb(MICR) >> 2;
/* extract channel number from the RICR*/
mdm_status[channel] = inportb(MISR);/* get status of which modem signals
changed */
outportb(EOSRR, 0x00);
/* write dummy value to EOSRR to terminate
*/
}
6.5
Parallel Channel Service Routines
In most respects, the parallel channel functions in the same way as the two serial channels, but the
Poll mode operation is different. Its functions can be performed in a couple of ways. The MPU is
only involved with the parallel channel in performing interrupt generation services. All other
channel operations are completely separate. Since the MPU is involved in the interrupt structure,
aspects of its behavior must be taken into account.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com