Electronic Components Datasheet Search
  English  ▼

X  

SCD1284 Datasheet(PDF) 103 Page - Intel Corporation

Part # SCD1284
Description  IEEE 1284-Compatible Parallel Interface Controller with Two High-Speed Asynchronous Serial Ports
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

SCD1284 Datasheet(HTML) 103 Page - Intel Corporation

Back Button SCD1284 Datasheet HTML 99Page - Intel Corporation SCD1284 Datasheet HTML 100Page - Intel Corporation SCD1284 Datasheet HTML 101Page - Intel Corporation SCD1284 Datasheet HTML 102Page - Intel Corporation SCD1284 Datasheet HTML 103Page - Intel Corporation SCD1284 Datasheet HTML 104Page - Intel Corporation SCD1284 Datasheet HTML 105Page - Intel Corporation SCD1284 Datasheet HTML 106Page - Intel Corporation SCD1284 Datasheet HTML 107Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 176 page
background image
IEEE 1284-Compatible Parallel Interface Controller — CD1284
Datasheet
103
return(0);
}
6.7
Baud Rate Tables
Table 22 through Table 26 indicate the values to be loaded into the RCOR/RBPR and TCOR/TBPR
to set the designated baud rate when using five standard frequency crystals. Table 22 uses a 25-
MHz frequency; Table 23 uses a 20.2752-MHz frequency, which yields near-perfect bit rates. Table
24 uses a 20-MHz frequency and shows error rates that are larger although still well within the
limits set by the various standards covering asynchronous communications. Table 25 also uses
another standard communications base frequency (18.432 MHz) that yields divisors with nearly
zero errors overall. However, since this frequency is below 20 MHz, performance at the higher
baud rates (76.8K and above) may be slightly lower and rates above 76.8K are not recommended.
Table 26 shows divisors for the lowest recommended operating frequency, 16 MHz.
Note:
It is not necessary that both the receiver and transmitter of a channel be programmed to the same
baud rate; the CD1284 can send and receive at different rates on the same channel.
Table 22. Baud Rate Constants — CLK = 25 MHz
Baud Rate
R/TCOR1
R/TBPR (Hex)
Error
110
4
6F
0.02%
150
4
51
0.47%
300
3
A3
0.15%
600
3
51
0.47%
1200
2
A3
0.15%
2400
2
51
0.47%
4800
1
A3
0.15%
9600
1
51
0.47%
19200
0
A3
0.15%
38400
0
51
0.47%
56000
0
38
0.35%
57600
0
36
0.47%
64000
0
31
0.35%
76800
0
29
0.76%
115200
0
1B
0.47%
128000
0
18
1.70%
150000
0
15
0.80%
NOTE:
1. In this and the following tables, R/T is used as a register abbreviation indicating Receive/
Transmit, followed by the register acronym.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com