Electronic Components Datasheet Search
  English  ▼

X  

SCD1284 Datasheet(PDF) 106 Page - Intel Corporation

Part # SCD1284
Description  IEEE 1284-Compatible Parallel Interface Controller with Two High-Speed Asynchronous Serial Ports
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

SCD1284 Datasheet(HTML) 106 Page - Intel Corporation

Back Button SCD1284 Datasheet HTML 102Page - Intel Corporation SCD1284 Datasheet HTML 103Page - Intel Corporation SCD1284 Datasheet HTML 104Page - Intel Corporation SCD1284 Datasheet HTML 105Page - Intel Corporation SCD1284 Datasheet HTML 106Page - Intel Corporation SCD1284 Datasheet HTML 107Page - Intel Corporation SCD1284 Datasheet HTML 108Page - Intel Corporation SCD1284 Datasheet HTML 109Page - Intel Corporation SCD1284 Datasheet HTML 110Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 176 page
background image
CD1284 — IEEE 1284-Compatible Parallel Interface Controller
106
Datasheet
6.8
ASCII Code Tables
6.8.1
Hexadecimal — Character
4800
1
68
0.16%
9600
0
D0
0.16%
19200
0
68
0.16%
38400
0
34
0.16%
56000
0
24
0.80%
57600
0
23
0.80%
64000
0
1F
0.80%
76800
0
1A
0.16%
(Not recommended at this CLK)
115200
0
11
2.080%
(Not recommended at this CLK)
00
NUL
01
SOH
02
STX
03
ETX
04
EOT
05
ENQ
06
ACK
07
BEL
08
BS
09
HT
0A
NL
0B
VT
0C
NP
0D
CR
0E
SO
0F
SI
10
DLE
11
DC1
12
DC2
13
DC3
14
DC4
15
NAK
16
SYN
17
ETB
18
CAN
19
EM
1A
SUB
1B
ESC
1C
FS
1D
GS
1E
RS
1F
US
20
SP
21
!
22
“
23
#24$25
%
26
&
27
‘
28
(
29
)
2A
*
2B
+
2C
,
2D
-
2E
.
2F
/
30
0
31
1
32
2333
34
4
35
5
36637
7
38
8
39
9
3A
:
3B
;
3C
<
3D
=
3E
>
3F
?
40
@
41
A
42
B
43
C
44
D
45
E
46
F
47
G
48
H
49
I
4A
J
4B
K
4C
L
4D
M
4E
N
4F
O
50
P
51
Q
52
R
53
S
54
T
55
U
56
V
57
W
58
X
59
Y
5A
Z
5B
[
5C
\
5D
]
5E
^
5F
_
60
~
61
a
62
b
63
c
64
d
65
e
66
f
67
g
68
h
69
i
6A
j
6B
k
6C
l
6D
m
6E
n
6F
o
70
p
71
q
72
r
73
s
74
t
75
u
76
v
77
w
78
x
79
y
7A
z
7B
{
7C
|
7D
}
7E
_
7F
DEL
Table 26. Baud Rate Constants — CLK = 16 MHz (Sheet 2 of 2)
Baud Rate
RCOR/TCOR (Hex)
RBPR/TBPR
Error



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com