Electronic Components Datasheet Search
  English  ▼

X  

SCD1284 Datasheet(PDF) 109 Page - Intel Corporation

Part # SCD1284
Description  IEEE 1284-Compatible Parallel Interface Controller with Two High-Speed Asynchronous Serial Ports
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

SCD1284 Datasheet(HTML) 109 Page - Intel Corporation

Back Button SCD1284 Datasheet HTML 105Page - Intel Corporation SCD1284 Datasheet HTML 106Page - Intel Corporation SCD1284 Datasheet HTML 107Page - Intel Corporation SCD1284 Datasheet HTML 108Page - Intel Corporation SCD1284 Datasheet HTML 109Page - Intel Corporation SCD1284 Datasheet HTML 110Page - Intel Corporation SCD1284 Datasheet HTML 111Page - Intel Corporation SCD1284 Datasheet HTML 112Page - Intel Corporation SCD1284 Datasheet HTML 113Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 176 page
background image
IEEE 1284-Compatible Parallel Interface Controller — CD1284
Datasheet
109
Secondly, a system programmer can use this register to indicate when the internal processor
completes reset procedures. This is done by a power-on reset (by the RESET* input) or a software
global reset (by the reset command in the CCR). Immediately after the reset operation begins, the
internal CPU clears the register. When complete, and the CD1284 is ready to accept host accesses,
the register is loaded with the revision code.
7.1.3
General-Purpose I/O Direction Register
7.1.4
General-Purpose I/O Register
This pair of registers enables access and control of the general-purpose I/O port. The general-
purpose I/O port provides a byte-wide general purpose set of signals that are individually direction
programmable.
The GPIO register accesses the data port on pins 53–60 (G[7:0]) with Data 0 accessing GP[0], etc.
The corresponding bit in the GPDIR register controls the direction of the associated signal; ‘1’
programs the signal as output and ‘0’ programs it as input. When writing to the GPIO register, ‘1’s
and ‘0’s are reflected in their true states on the pins that are programmed as outputs. When reading
from the GPIO register, bits programmed as inputs reflect the true state of the signal condition on
those bits; bits programmed as output reflect the previously set state.
7.1.5
Modem Interrupting Channel Register
The MICR, RISR, and TICR indicate the serial channel number that is currently being serviced by
an active acknowledge cycle (whether polled or interrupt). Bits 3:2 (C1 and C0) are only valid
during the context of a channel service routine; at any other time, their state is undefined. Host
system software uses these registers to determine the number of the channel that originated the
particular service request (receive, transmit, or modem). The format of these registers is the same
and the description is valid for each. The upper four bits and lower two bits are user-defined and
can be set to any value desired. When the register is read, these bits are presented as defined by the
user; C1 and C0 are set by the CD1284 to reflect the proper channel number.
Register Name: GPDIR
Register Description: General-Purpose I/O Direction
Access: Read/Write
8-Bit Hex Address: 71
Default Value: 00
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Dir 7
Dir 6
Dir 5
Dir 4
Dir 3
Dir 2
Dir 1
Dir 0
Register Name: GPIO
Register Description: General-Purpose I/O
Access: Read/Write
8-Bit Hex Address: 70
Default Value: 00
Bit 7Bit 6Bit 5Bit 4Bit 3Bit 2Bit 1Bit 0
Data 7
Data 6
Data 5
Data 4
Data 3
Data 2
Data 1
Data 0
Register Name: MICR
Register Description: Modem Interrupting Channel
Access: Read/Write
8-Bit Hex Address: 46
Default Value: 00
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
XXX
X
C1
C0
X
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com