Electronic Components Datasheet Search
  English  ▼

X  

SCD1284 Datasheet(PDF) 113 Page - Intel Corporation

Part # SCD1284
Description  IEEE 1284-Compatible Parallel Interface Controller with Two High-Speed Asynchronous Serial Ports
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

SCD1284 Datasheet(HTML) 113 Page - Intel Corporation

Back Button SCD1284 Datasheet HTML 109Page - Intel Corporation SCD1284 Datasheet HTML 110Page - Intel Corporation SCD1284 Datasheet HTML 111Page - Intel Corporation SCD1284 Datasheet HTML 112Page - Intel Corporation SCD1284 Datasheet HTML 113Page - Intel Corporation SCD1284 Datasheet HTML 114Page - Intel Corporation SCD1284 Datasheet HTML 115Page - Intel Corporation SCD1284 Datasheet HTML 116Page - Intel Corporation SCD1284 Datasheet HTML 117Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 176 page
background image
IEEE 1284-Compatible Parallel Interface Controller — CD1284
Datasheet
113
7.1.12
Transmit Interrupting Channel Register
See Section 7.1.5 on page 109, the description of the MICR, for details on the TICR.
7.1.13
Transmit Interrupt Register
See Section 7.1.6 on page 110, the description of the MIR, for details on the TIR.
7.2
Virtual Registers
The CD1284 has two operational contexts:
Normal: Allows host access to most registers and any channel
Service-acknowledge: Allows host access to some registers specific to the channel requesting
service.
This special set of registers is called Virtual because they are only available to host access and valid
during this service-acknowledge context. At all other times, their contents are undefined and must
not be written to by host software.
The use of Virtual registers and context switching allows the CD1284 to maintain all channel-
specific information. To access the registers pertinent to the channel being serviced, it is not
necessary for the host to make any changes to the device registers.
The service-acknowledge context can be entered in two ways: 1) by activating one of the
SVCACK* input pins (hardware-activated); 2) by the host software when the contents of any one
of TIR, RIR, MIR, or PIR are copied into the CAR during a Poll-mode acknowledge cycle. Chapter
5.0 discusses the differences between these two modes.
2
Service Request Modem: ‘1’ indicates request pending.
1
Service Request Transmit: ‘1’ indicates request pending.
0
Service Request Receive: ‘1’ indicates request pending.
Register Name: TICR
Register Description: Transmit Interrupting Channel
Access: Read/Write
8-Bit Hex Address: 45
Default Value: 00
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
XXX
X
C1
C0
X
X
Bit
Description
Register Name: TIR
Register Description: Transmit Interrupt
Access: Read/Write
8-Bit Hex Address: 6A
Default Value: 10
Bit 7
Bit 6Bit 5Bit 4Bit 3Bit 2Bit 1Bit 0
TxIreq
Txbusy
Txunfair
1
0
0
ch[1]
ch[0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com