Electronic Components Datasheet Search
  English  ▼

X  

SCD1284 Datasheet(PDF) 116 Page - Intel Corporation

Part # SCD1284
Description  IEEE 1284-Compatible Parallel Interface Controller with Two High-Speed Asynchronous Serial Ports
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

SCD1284 Datasheet(HTML) 116 Page - Intel Corporation

Back Button SCD1284 Datasheet HTML 112Page - Intel Corporation SCD1284 Datasheet HTML 113Page - Intel Corporation SCD1284 Datasheet HTML 114Page - Intel Corporation SCD1284 Datasheet HTML 115Page - Intel Corporation SCD1284 Datasheet HTML 116Page - Intel Corporation SCD1284 Datasheet HTML 117Page - Intel Corporation SCD1284 Datasheet HTML 118Page - Intel Corporation SCD1284 Datasheet HTML 119Page - Intel Corporation SCD1284 Datasheet HTML 120Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 176 page
background image
CD1284 — IEEE 1284-Compatible Parallel Interface Controller
116
Datasheet
provides the character. It is not necessary to read either of these values. If the service acknowledge
is terminated without reading the exception status and data from the RDSR, the internal processor
updates the FIFO pointers as if the status/data were read. The same is true when only the status is
read. Overrun errors are an exception to this (see table below).
7.2.5
Receive Interrupt Vector Register
The value in this register is placed on the data bus, DB[7:0], when SVCACKR* is activated in
response to an active SVCREQR*. See Section 7.4.6 on page 128 for more details on the LIVR.
Bit
Description
7
Timeout: If the service request enable for timeout is set, this bit indicates that no data has been received
within the receive timeout period set by the RTPR after the last character was removed.
6:4
Special Character Detect: These three bits are encoded as follows:
NOTE: No special character matching is performed if either a parity (PE) or framing (FE) error occur unless
CMOE is enabled by COR5[5].
3
Break: Indicates that a break was detected.
2
Parity Error: Indicates that a character was received with parity other than that programmed in COR1.
1
Framing Error: Indicates that the character was received with a bad stop bit.
0
Overrun Error: This bit is set if new data is received, but there is no space available in the FIFO and Holding
register. In this case, the character data is lost, and the overrun flag is applied to the last good data received
before the overrun occurred. Thus, the character read on the subsequent read from the RDSR is good data
and should not be discarded.
Register Name: RIVR
Register Description: Receive Interrupt Vector
Access: Read only
8-Bit Hex Address: 43
Default Value: 00
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
X
XXX
X
IT2
IT1
IT0
SCDet2
SCDet1
SCDet0
Status
0
0
0
None detected.
0
0
1
Special character 1 matched.
0
1
0
Special character 2 matched.
0
1
1
Special character 3 matched.
1
0
0
Special character 4 matched.
1
0
1
Not used.
1
1
0
End-of-break detected.
1
1
1
Range detect.
IT2
IT1
IT0
Description
0
0
0
No receive interrupt active.
00
1
Invalid.
01
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com