Electronic Components Datasheet Search
  English  ▼

X  

SCD1284 Datasheet(PDF) 120 Page - Intel Corporation

Part # SCD1284
Description  IEEE 1284-Compatible Parallel Interface Controller with Two High-Speed Asynchronous Serial Ports
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

SCD1284 Datasheet(HTML) 120 Page - Intel Corporation

Back Button SCD1284 Datasheet HTML 116Page - Intel Corporation SCD1284 Datasheet HTML 117Page - Intel Corporation SCD1284 Datasheet HTML 118Page - Intel Corporation SCD1284 Datasheet HTML 119Page - Intel Corporation SCD1284 Datasheet HTML 120Page - Intel Corporation SCD1284 Datasheet HTML 121Page - Intel Corporation SCD1284 Datasheet HTML 122Page - Intel Corporation SCD1284 Datasheet HTML 123Page - Intel Corporation SCD1284 Datasheet HTML 124Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 176 page
background image
CD1284 — IEEE 1284-Compatible Parallel Interface Controller
120
Datasheet
7.3.1.3
Format 3 — Send Special Character Command
This command causes one of the pre-programmed characters in the special character registers
(SCHR1, SCHR2, SCHR3, and SCHR4) to be sent preemptively (applies to the serial channels
only). The character sent is selected by the settings of bits 2 through 0. ‘Preemptively’ means that
the special character is sent immediately following the character in the Transmitter Holding
register; it does not wait until the FIFO empties. Once the special character is sent, transmission of
any characters remaining in the FIFO proceeds normally.
Bit
Description
7
This bit must always be ‘0’.
6
This bit must always be ‘1’.
5:4
These bits must always be ‘0’.
3:1
These three bits are encoded as:
0
This bit must always be ‘0’.
Bit 7Bit 6Bit 5Bit 4Bit 3
Bit 2Bit 1
Bit 0
0
0
Send SC
0
0
SSPC2
SSPC1
SSPC0
COR3
COR2
COR1
Encoding
0
0
0
Not used.
0
0
1
COR1 changed.
0
1
0
COR2 changed.
0
1
1
COR1 and COR2 changed.
1
0
0
COR3 changed.
1
0
1
COR3 and COR1 changed.
1
1
0
COR3 and COR2 changed.
1
1
1
COR1, COR2, and COR3 changed.
Bit
Description
7:6
Must be ‘0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com