Electronic Components Datasheet Search
  English  ▼

X  

SCD1284 Datasheet(PDF) 121 Page - Intel Corporation

Part # SCD1284
Description  IEEE 1284-Compatible Parallel Interface Controller with Two High-Speed Asynchronous Serial Ports
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

SCD1284 Datasheet(HTML) 121 Page - Intel Corporation

Back Button SCD1284 Datasheet HTML 117Page - Intel Corporation SCD1284 Datasheet HTML 118Page - Intel Corporation SCD1284 Datasheet HTML 119Page - Intel Corporation SCD1284 Datasheet HTML 120Page - Intel Corporation SCD1284 Datasheet HTML 121Page - Intel Corporation SCD1284 Datasheet HTML 122Page - Intel Corporation SCD1284 Datasheet HTML 123Page - Intel Corporation SCD1284 Datasheet HTML 124Page - Intel Corporation SCD1284 Datasheet HTML 125Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 176 page
background image
IEEE 1284-Compatible Parallel Interface Controller — CD1284
Datasheet
121
7.3.1.4
Format 4 — Channel Control Command
This command activates or deactivates the serial transmitter and/or receiver of the selected
channel, based on the values in bits 3 through 0. This command is issued when a channel is being
started for the first time. Once a channel is in use, it can be started and stopped using this
command. It is more efficient however, to use the appropriate SRER bit in the IER. Multiple
control commands can be issued at the same time; for example, both the transmitter and receiver
can be enabled by simultaneously setting both the XMT EN and RCV EN bits.
Issuing an enable/disable command does not affect any register programming of the selected
channel. It does however, affect the state of transmit flow-control. Issuing a disable or enable
command to a channel whose transmitter has been flow-controlled by a remote (see the TxIBE bit
in COR2), restarts transmission and clears the TxFloff bit (CCSR[2]). This ability is provided so
that the host can override remote-generated flow control.
5
Must be ‘1’.
4:3
Must be ‘0’.
2:0
These bits are encoded as:
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0
0
0
Chan Ctl
XMT EN
XMT DIS
RCV EN
RCV DIS
Bit
Description
SSPC2
SSPC1
SSPC0
Encoding
0
0
0
Not used.
0
0
1
Send special character 1.
0
1
0
Send special character 2.
0
1
1
Send special character 3.
1
0
0
Send special character 4.
1
0
1
Not used.
1
1
0
1
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com