Electronic Components Datasheet Search
  English  ▼

X  

SCD1284 Datasheet(PDF) 125 Page - Intel Corporation

Part # SCD1284
Description  IEEE 1284-Compatible Parallel Interface Controller with Two High-Speed Asynchronous Serial Ports
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

SCD1284 Datasheet(HTML) 125 Page - Intel Corporation

Back Button SCD1284 Datasheet HTML 121Page - Intel Corporation SCD1284 Datasheet HTML 122Page - Intel Corporation SCD1284 Datasheet HTML 123Page - Intel Corporation SCD1284 Datasheet HTML 124Page - Intel Corporation SCD1284 Datasheet HTML 125Page - Intel Corporation SCD1284 Datasheet HTML 126Page - Intel Corporation SCD1284 Datasheet HTML 127Page - Intel Corporation SCD1284 Datasheet HTML 128Page - Intel Corporation SCD1284 Datasheet HTML 129Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 176 page
background image
IEEE 1284-Compatible Parallel Interface Controller — CD1284
Datasheet
125
7.4.3
Channel Option Register 3
Note:
The threshold for the parallel channel (channel 0) are set by the PFTR.
4
Local Loopback Mode: This bit enables local loopback of the channel. This mode is generally used during
system diagnostics. If this bit is set, the transmitter is internally ‘looped’ back to the receiver. The TxD pin is
set to the marking state. Data sent is immediately received by the receiver. No data appears on the TxD pin;
data on the RxD pin is ignored.
3
Remote Loopback Mode: Remote loopback allows a remote system to test its serial data stream. If this
function is enabled, the CD1284 internally connects its receiver to the transmitter. Any data received is
immediately echoed back. This mode is enabled by setting RLM, and disabled by clearing RLM.
2
Request To Send Automatic Output: The CD1284 can automatically assert RTS when a channel is
enabled (by transmit/receive enable command in the CCR) and there is data in the FIFO. When the channel
is disabled or there is no more data to send (that is, in the FIFO or Holding and Shift registers), RTS* is
negated. Setting RtsAO enables the function.
1
Clear To Send Automatic Enable: This bit enables the CTS* input to control transmitter operation. If CtsAE
is set and CTS* is not asserted, character transmission does not proceed.
0
Data Set Ready Automatic Enable: This bit allows the DSR* input to control receiver operation. Setting
DsrAE enables the function. When enabled and DSR* is deasserted, the CD1284 discards all received
characters.
Register Name: COR3
Register Description: Channel Option Register 3
Access: Read/Write
8-Bit Hex Address: 0A
Default Value: 00
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
SCDRNG
SCD34
FCT
SCD12
RxTh3
RxTh2
RxTh1
RxTh0
Bit
Description
7
Special Character Detect Range: This bit enables range checking on received characters. If the character
falls between a lower range, set by the value stored in the SCRL register, and an upper range, set by the
value stored in the SCRH register – inclusive, a receive exception service request is posted with the status
indicating a range detect (RDSR bits SCDet2–SCDet0
= 111).
6
Enable Special Character Detect on SCHR4 and SCHR3: This bit controls whether or not the CD1284
performs a comparison on received characters against the values stored in SCHR4 and SCHR3. The
comparison is enabled by this bit being ‘1’.
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com