Electronic Components Datasheet Search
  English  ▼

X  

SCD1284 Datasheet(PDF) 129 Page - Intel Corporation

Part # SCD1284
Description  IEEE 1284-Compatible Parallel Interface Controller with Two High-Speed Asynchronous Serial Ports
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

SCD1284 Datasheet(HTML) 129 Page - Intel Corporation

Back Button SCD1284 Datasheet HTML 125Page - Intel Corporation SCD1284 Datasheet HTML 126Page - Intel Corporation SCD1284 Datasheet HTML 127Page - Intel Corporation SCD1284 Datasheet HTML 128Page - Intel Corporation SCD1284 Datasheet HTML 129Page - Intel Corporation SCD1284 Datasheet HTML 130Page - Intel Corporation SCD1284 Datasheet HTML 131Page - Intel Corporation SCD1284 Datasheet HTML 132Page - Intel Corporation SCD1284 Datasheet HTML 133Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 176 page
background image
IEEE 1284-Compatible Parallel Interface Controller — CD1284
Datasheet
129
7.4.7
LNext Character Register
This register defines the LNext character. If the LNext function is enabled (COR5[6]), the CD1284
examines received characters and compare them against this value. If a match occurs, this character
and the following are placed in the FIFO without any special processing. In effect, the LNext
function causes the CD1284 to ignore characters with special meaning, such as flow-control
characters. There are two exceptions. If the character following the LNext character is either a
break or an error character, LNext is placed in the FIFO, and the following character are treated as
it normally would be for these error conditions.
7.5
Modem Change Option Registers
The CD1284 has two registers that control its response to changes on the modem input pins. It can
be programmed to respond to the low-to-high transition, the high-to-low transition or both. In
addition, the threshold at which the DTR signal is negated can be set by the DTRth3–DTRth0 bits
in MCOR1.
7.5.1
Modem Change Option Register 1
Register Name: LNC
Register Description: LNext Character
Access: Read/Write
8-Bit Hex Address: 24
Default Value: 00
Bit 7
Bit 6Bit 5Bit 4Bit 3Bit 2Bit 1Bit 0
LNext Character
Register Name: MCOR1
Register Description: Modem Change Option Register 1
Access: Read/Write
8-Bit Hex Address: 15
Default Value: 00
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
DSRzd
CTSzd
RIzd
CDzd
DTRth3
DTRth2
DTRth1
DTRth0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com