Electronic Components Datasheet Search
  English  ▼

X  

SCD1284 Datasheet(PDF) 130 Page - Intel Corporation

Part # SCD1284
Description  IEEE 1284-Compatible Parallel Interface Controller with Two High-Speed Asynchronous Serial Ports
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

SCD1284 Datasheet(HTML) 130 Page - Intel Corporation

Back Button SCD1284 Datasheet HTML 126Page - Intel Corporation SCD1284 Datasheet HTML 127Page - Intel Corporation SCD1284 Datasheet HTML 128Page - Intel Corporation SCD1284 Datasheet HTML 129Page - Intel Corporation SCD1284 Datasheet HTML 130Page - Intel Corporation SCD1284 Datasheet HTML 131Page - Intel Corporation SCD1284 Datasheet HTML 132Page - Intel Corporation SCD1284 Datasheet HTML 133Page - Intel Corporation SCD1284 Datasheet HTML 134Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 176 page
background image
CD1284 — IEEE 1284-Compatible Parallel Interface Controller
130
Datasheet
7.5.2
Modem Change Option Register 2
7.5.3
Modem Signal Value Register 1
Bit
Description
7:4
DSRzd, CTSzd, RIzd and CDzd: Each of these bits controls its corresponding input pin. If the bit is set, the
function is enabled and transitions from one-to-zero (zeros detect) generate an SVCREQM* service request.
3:0
DTRth3 through DTRth0: These bits form a binary value to determine when the DTR output is negated
(based on the number of characters in the receive FIFO). When the FIFO holds more characters than this
value, DTR is negated, informing the remote to stop transmission. This value must be set to a value
numerically larger than the value set for the receive FIFO threshold in COR3.
Register Name: MCOR2
Register Description: Modem Change Option Register 2
Access: Read/Write
8-Bit Hex Address: 16
Default Value: 00
Bit 7Bit 6Bit 5Bit 4Bit 3
Bit 2Bit 1
Bit 0
DSRod
CTSod
RIod
CDod
0
0
0
0
Bit
Description
7:4
DSRod, CTSod, RIod, CDod: Each of these bits controls its corresponding input pin. If the bit is set, the
function is enabled and transitions from ‘0’-to-‘1’ (ones detect) generate an SVCREQM* service request.
3:0
These bits are not used and must be ‘0’.
Register Name: MSVR1
Register Description: Modem Signal Value Register 1
Access: Read/Write
8-Bit Hex Address: 6C
Default Value: XX
Bit 7Bit 6Bit 5Bit 4Bit 3
Bit 2Bit 1
Bit 0
DSR
CTS
RI
CD
0
0
0
RTS
DTRth3
DTRth2
DTRth1
DTRth0
Number of Characters in FIFO
0
0
0
0
Automatic DTR mode disabled.
0
0
0
1
1 character
0
0
1
0
2 characters
•••
•
1
0
1
1
11 characters
1
1
0
0
12 characters
110
1
Not used.
111
0
111
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com