Electronic Components Datasheet Search
  English  ▼

X  

SCD1284 Datasheet(PDF) 131 Page - Intel Corporation

Part # SCD1284
Description  IEEE 1284-Compatible Parallel Interface Controller with Two High-Speed Asynchronous Serial Ports
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

SCD1284 Datasheet(HTML) 131 Page - Intel Corporation

Back Button SCD1284 Datasheet HTML 127Page - Intel Corporation SCD1284 Datasheet HTML 128Page - Intel Corporation SCD1284 Datasheet HTML 129Page - Intel Corporation SCD1284 Datasheet HTML 130Page - Intel Corporation SCD1284 Datasheet HTML 131Page - Intel Corporation SCD1284 Datasheet HTML 132Page - Intel Corporation SCD1284 Datasheet HTML 133Page - Intel Corporation SCD1284 Datasheet HTML 134Page - Intel Corporation SCD1284 Datasheet HTML 135Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 176 page
background image
IEEE 1284-Compatible Parallel Interface Controller — CD1284
Datasheet
131
7.5.4
Modem Signal Value Register 2
MSVR1 and MSVR2 provide information regarding the state of the modem input pins (DSR*,
CTS*, RI*, and CD*) and allows control of the modem output pins (DTR* and RTS*). A write to
any of the input bits has no effect. With the exception of the least-significant two bits, the registers
reflect identical data. The two are provided as a convenience for control of the modem output pins.
It is not necessary for host software to keep a copy of the current state of either when controlling
the other. The actual signal level on the output is the inverse of the value placed in this register. For
example, setting the DTR bit causes the DTR output to become active-low. The state of the modem
input pins is also the inverse of the value in the corresponding bit in the registers.
7.5.5
Receive Baud Rate Period Register
This register holds the baud rate divisor for the receiver. It is used in conjunction with the RCOR.
This provides the clock, which is divided by this value. The time period produced must equal the
value for one bit time of the receive data.
7.5.6
Receive Clock Option Register
The RCOR selects the clock source, which drives the RBPR. The value in ClkSel2–ClkSel0 selects
one of five possible clocks generated from the master clock (CLK).
Register Name: MSVR2
Register Description: Modem Signal Value Register 2
Access: Read/Write
8-Bit Hex Address: 6D
Default Value: XX
Bit 7
Bit 6Bit 5Bit 4Bit 3Bit 2Bit 1Bit 0
DSR
CTS
RI
CD
0
0
DTR
0
Register Name: RBPR
Register Description: Receive Baud Rate Period
Access: Read/Write
8-Bit Hex Address: 78
Default Value: 41
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Binary Divisor Value
Register Name: RCOR
Register Description: Receive Clock Option
Access: Read/Write
8-Bit Hex Address: 7C
Default Value: 01
Bit 7
Bit 6Bit 5Bit 4Bit 3Bit 2Bit 1Bit 0
X
X
X
X
X
ClkSel2
ClkSel1
ClkSel0
ClkSel2
ClkSel1
ClkSel0
Clock Selected
0
0
0
Clk0 (CLK
÷ 8)
0
0
1
Clk1 (CLK
÷ 32)
0
1
0
Clk2 (CLK
÷ 128)
0
1
1
Clk3 (CLK
÷ 512)
1
0
0
Clk4 (CLK
÷ 2048)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com