Electronic Components Datasheet Search
  English  ▼

X  

SCD1284 Datasheet(PDF) 134 Page - Intel Corporation

Part # SCD1284
Description  IEEE 1284-Compatible Parallel Interface Controller with Two High-Speed Asynchronous Serial Ports
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

SCD1284 Datasheet(HTML) 134 Page - Intel Corporation

Back Button SCD1284 Datasheet HTML 130Page - Intel Corporation SCD1284 Datasheet HTML 131Page - Intel Corporation SCD1284 Datasheet HTML 132Page - Intel Corporation SCD1284 Datasheet HTML 133Page - Intel Corporation SCD1284 Datasheet HTML 134Page - Intel Corporation SCD1284 Datasheet HTML 135Page - Intel Corporation SCD1284 Datasheet HTML 136Page - Intel Corporation SCD1284 Datasheet HTML 137Page - Intel Corporation SCD1284 Datasheet HTML 138Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 176 page
background image
CD1284 — IEEE 1284-Compatible Parallel Interface Controller
134
Datasheet
7.6.3
Special Character Register 3
7.6.4
Special Character Register 4
7.6.5
Received Character Range Detection
If enabled (by bit 7 of COR3), the CD1284 checks received characters to see if they fall within a
range of values. SCRL and SCRH set the range and the checking occurs inclusive of the values
programmed into these registers. If a received character is determined to be within the range, a
special character detect exception service request is posted. When set to ‘111’, RDSR[6:4] indicate
a range detect. Note that this range checking is performed in addition to the normal special
character detection on SCHR4–SCHR1.
7.6.6
Special Character Range — High
SCRH sets the upper inclusive value for range detection.
7.6.7
Special Character Range — Low
SCRL sets the lower inclusive value for range detection.
Register Name: SCHR3
Register Description: Special Character Register 3
Access: Read/Write
8-Bit Hex Address: 1C
Default Value: 00
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Special Character 3
Register Name: SCHR4
Register Description: Special Character Register 4
Access: Read/Write
8-Bit Hex Address: 1D
Default Value: 00
Bit 7Bit 6Bit 5Bit 4Bit 3
Bit 2Bit 1
Bit 0
Special Character 4
Register Name: SCRH
Register Description: Special Character Range, high
Access: Read/Write
8-Bit Hex Address: 23
Default Value: 00
Bit 7Bit 6Bit 5
Bit 4
Bit 3Bit 2Bit 1Bit 0
Character Range — high
Register Name: SCRL
Register Description: Special Character Range, low
Access: Read/Write
8-Bit Hex Address: 22
Default Value: 00
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Character Range — low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com