Electronic Components Datasheet Search
  English  ▼

X  

SCD1284 Datasheet(PDF) 136 Page - Intel Corporation

Part # SCD1284
Description  IEEE 1284-Compatible Parallel Interface Controller with Two High-Speed Asynchronous Serial Ports
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

SCD1284 Datasheet(HTML) 136 Page - Intel Corporation

Back Button SCD1284 Datasheet HTML 132Page - Intel Corporation SCD1284 Datasheet HTML 133Page - Intel Corporation SCD1284 Datasheet HTML 134Page - Intel Corporation SCD1284 Datasheet HTML 135Page - Intel Corporation SCD1284 Datasheet HTML 136Page - Intel Corporation SCD1284 Datasheet HTML 137Page - Intel Corporation SCD1284 Datasheet HTML 138Page - Intel Corporation SCD1284 Datasheet HTML 139Page - Intel Corporation SCD1284 Datasheet HTML 140Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 176 page
background image
CD1284 — IEEE 1284-Compatible Parallel Interface Controller
136
Datasheet
7.6.10
Transmit Clock Option Register
The TCOR selects the clock source which drives the TBPR. The value in ClkSel[2:0] selects one of
five possible clocks generated from the master clock (CLK).
7.7
Channel Registers — Parallel Pipeline
7.7.1
Data Error Register
The bits in this read-only register indicate read/write errors involving the DMABUF register and
the Data Pipeline registers. The DataErr bit (PFSR[0]) is the logical OR of these eight Error Status
bits.
Reading this register has no effect on the error status. A write to this register clears all the bits,
which cannot be written by the user. Host software should clear this register (write x’00) after
completing an error service-acknowledge procedure. This bit is provided primarily as an aid to
driver software development. Data errors should never occur under normal circumstances.
This register is cleared during device reset.
Register Name: TCOR
Register Description: Transmit Clock Option
Access: Read/Write
8-Bit Hex Address: 76
Default Value: 01
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
X
X
X
X
X
ClkSel2
ClkSel1
ClkSel0
ClkSel2
ClkSel1
ClkSel0
Clock Selected
0
0
0
Clk0 (CLK
÷ 8)
0
0
1
Clk1 (CLK
÷ 32)
0
1
0
Clk2 (CLK
÷ 128)
0
1
1
Clk3 (CLK
÷ 512)
1
0
0
Clk4 (CLK
÷ 2048)
1
0
1
Not used.
1
1
0
1
1
1
Register Name: DER
Register Description: Data Error
Access: Read only
8-Bit Hex Address: 33
Default Value: 00
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
DMAwrerr
DMArderr
Bufwrerr
Bufrderr
HR1wrerr
HR1rderr
HR2wrerr
HR2rderr



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com