Electronic Components Datasheet Search
  English  ▼

X  

SCD1284 Datasheet(PDF) 140 Page - Intel Corporation

Part # SCD1284
Description  IEEE 1284-Compatible Parallel Interface Controller with Two High-Speed Asynchronous Serial Ports
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

SCD1284 Datasheet(HTML) 140 Page - Intel Corporation

Back Button SCD1284 Datasheet HTML 136Page - Intel Corporation SCD1284 Datasheet HTML 137Page - Intel Corporation SCD1284 Datasheet HTML 138Page - Intel Corporation SCD1284 Datasheet HTML 139Page - Intel Corporation SCD1284 Datasheet HTML 140Page - Intel Corporation SCD1284 Datasheet HTML 141Page - Intel Corporation SCD1284 Datasheet HTML 142Page - Intel Corporation SCD1284 Datasheet HTML 143Page - Intel Corporation SCD1284 Datasheet HTML 144Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 176 page
background image
CD1284 — IEEE 1284-Compatible Parallel Interface Controller
140
Datasheet
7.7.7
Parallel Channel Reset Register
This register exists only in the Channel 0 register set and is in the equivalent address location as the
MSVR register of the serial channels.
7.7.8
Parallel FIFO Control Register
This register controls overall function of the parallel FIFO. These functions include resetting
(flushing) the FIFO, enabling DMA transfers, enabling host interrupts, run-length encoding, and so
on. The host sets these bits according to the mode of operation required.
After hard reset (RESET* or a CCR command of x’81 in one of the two serial channels), this
register is cleared to all zeros.
2
Reserved: Must be ‘0.’
1
AsyncDMA: AsyncDMA causes the device to synchronize the DMAACK* signal to the internal clock (rising
clock edge). This capability provides an asynchronous DMA interface for systems that cannot meet the set-up
times required by the synchronous DMA logic.
Refer to Chapter 8.0 for specific timing relationships between CLK and DMAACK* when AsyncDMA is
enabled.
0
Unfair: This bit overrides the Fair Share function of the device. If this bit is set, the device posts service
requests even if the service request is already asserted by an external device. The override is in effect for
channels 2 and 3; Fair Share is not functional on the parallel service request.
For applications where the three serial channel service request outputs are wire-OR’ed together, set Unfair so
that an interrupt of one type does not prevent posting one of the other types (receive, transmit, and modem).
Register Name: PCRR
Register Description: Parallel Channel Reset
Access: Read/Write
8-Bit Hex Address: 6C
Default Value: 00
Bit 7Bit 6Bit 5
Bit 4
Bit 3Bit 2Bit 1Bit 0
000
0000
PChReset
Bit
Description
Bit
Description
7:1
Reserved: Must be ‘0’
0
PChReset: Setting this bit asserts the equivalent of a hardware power-on reset to the parallel channel,
channel 0. If set by the host, it must be cleared to resume normal parallel channel operation. This hardware
reset affects only the parallel channel and has no affect on other functions of the device.
Register Name: PFCR
Register Description: Parallel FIFO Control
Access: Read/Write
8-Bit Hex Address: 31
Default Value: 00
Bit 7Bit 6Bit 5Bit 4Bit 3
Bit 2Bit 1
Bit 0
FIFOres
DMAen
DMAdir
IntEn
RLEen
setTAG
ErrEn
DMAbufWe



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com