Electronic Components Datasheet Search
  English  ▼

X  

SCD1284 Datasheet(PDF) 143 Page - Intel Corporation

Part # SCD1284
Description  IEEE 1284-Compatible Parallel Interface Controller with Two High-Speed Asynchronous Serial Ports
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

SCD1284 Datasheet(HTML) 143 Page - Intel Corporation

Back Button SCD1284 Datasheet HTML 139Page - Intel Corporation SCD1284 Datasheet HTML 140Page - Intel Corporation SCD1284 Datasheet HTML 141Page - Intel Corporation SCD1284 Datasheet HTML 142Page - Intel Corporation SCD1284 Datasheet HTML 143Page - Intel Corporation SCD1284 Datasheet HTML 144Page - Intel Corporation SCD1284 Datasheet HTML 145Page - Intel Corporation SCD1284 Datasheet HTML 146Page - Intel Corporation SCD1284 Datasheet HTML 147Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 176 page
background image
IEEE 1284-Compatible Parallel Interface Controller — CD1284
Datasheet
143
These registers are cleared by a device or FIFO reset and marked as empty in HRSR. Any tagged
status is also cleared.
7.7.13
Parallel FIFO Quantity Register
This register maintains the quantity (or count) of either data bytes or space available in the parallel
FIFO. In the receive direction (DMAdir
= 0), PFQR counts data characters in the FIFO. In the
transmit direction (DMAdir
= 1), PFQR counts space available in the FIFO for additional
characters to transmit. FIFOres, together with the value of DMAdir, initialize PFQR to either x’00
(receive) or x’40 (transmit).
In either case, the PFQR indicates only the quantity of data or space available in the FIFO, and
does not include the data pipeline registers.
7.7.14
Parallel FIFO Status Register
This read-only register provides the current FIFO and data pipeline status. Host software should
examine these bits in response to pipeline interrupts or polling operations.
This register is not directly cleared by reset, but the individual bits reflect the status of other
registers.
Register Name: PFQR
Register Description: Parallel FIFO Quantity
Access: Read/Write
8-Bit Hex Address: 3A
Default Value: 00
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Data or Space Available in FIFO — Max 0x40
Register Name: PFSR
Register Description: Parallel FIFO Status
Access: Read only
8-Bit Hex Address: 32
Default Value: 40
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
FFfull
FFempty
Timeout
HRtag
HRdata
Stale
OneChar
DataErr
Bit
Description
7
Parallel FIFO is Full: If this bit is set, it indicates that the parallel FIFO is full.
6
Parallel FIFO is Empty: If this bit is set, the parallel FIFO is empty.
5
Timeout: This bit is set when Stale goes from false to true. In the receive direction, Timeout is delayed until
the FIFO is empty and all DMA cycles are complete (PFHR2 may or may not be full). Timeout is a pipeline
interrupt condition and must be cleared manually by the CPU. This is done by toggling ClrTO (PACR[3]) or by
a FIFO reset in PFCR.
4
Holding Register Tag: This bit indicates that a tagged character is in either PFHR1, PFHR2, or both. If
enabled, this bit being set causes a host interrupt to be generated. The host should examine the HRSR to
determine the exact cause(s) of this bit being set.
3
Holding Register Data: If this bit is set, it indicates that either PFHR1, PFHR2, or both contain data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com