Electronic Components Datasheet Search
  English  ▼

X  

SCD1284 Datasheet(PDF) 146 Page - Intel Corporation

Part # SCD1284
Description  IEEE 1284-Compatible Parallel Interface Controller with Two High-Speed Asynchronous Serial Ports
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

SCD1284 Datasheet(HTML) 146 Page - Intel Corporation

Back Button SCD1284 Datasheet HTML 142Page - Intel Corporation SCD1284 Datasheet HTML 143Page - Intel Corporation SCD1284 Datasheet HTML 144Page - Intel Corporation SCD1284 Datasheet HTML 145Page - Intel Corporation SCD1284 Datasheet HTML 146Page - Intel Corporation SCD1284 Datasheet HTML 147Page - Intel Corporation SCD1284 Datasheet HTML 148Page - Intel Corporation SCD1284 Datasheet HTML 149Page - Intel Corporation SCD1284 Datasheet HTML 150Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 176 page
background image
CD1284 — IEEE 1284-Compatible Parallel Interface Controller
146
Datasheet
The SDTPR is cleared by a device reset.
7.8
Channel Registers — Parallel Port
7.8.1
EPP Address Register
This register is only used during EPP mode.
The CD1284 deposits the value obtained during an EPP address write command in this register.
The CD1284 provides this value in response to an EPP address read command.
7.8.2
Host Timeout Value Register
This register holds the 8-bit value used to set the Host timeout period. The HTVR is an unsigned,
binary value. The reset state of this register is ‘0xFF’.
A function missing in Revision C and earlier devices is an on-chip timer to indicate that the remote
host has not responded in a specified time period. The Host timeout is defined in the IEEE STD
1284 specification as a period of one second.
Revision D and newer devices add a user-programmable timer to provide a timeout if the remote
host does not respond to specific parallel port transactions. The timer is started by the parallel port
state machine each time it starts a sequence requiring a host response. Activation of the timer is
automatic and an interrupt is generated to the local host CPU if the timer expires before the remote
host responds.
Note:
Users familiar with the IEEE specification note that the events that start the timer cause the
peripheral device to wait for a remote host-generated event. For example, during the negotiation
sequence after event 2, the peripheral waits for event 3 – a host-generated event. If the host does
not respond and moves the negotiation sequence to event 4 within one second, the peripheral enters
the ‘host timeout’ condition.
The timer is a 14-bit counter clocked by the system clock (CLK) prescaled (divided) by 2048. Then
the 8-bit HTVR (address offset 0x24) is programmed and compared with the most-significant 8 bits
of the 14-bit counter. Each time the parallel port executes an event requiring a host response, the
Register Name: EAR
Register Description: EPP Address
Access: Read/Write
8-Bit Hex Address: 25
Default Value: 00
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
8-bit Binary Value
Register Name: HTVR
Register Description: Host Timeout Value
Access: Read/Write
8-Bit Hex Address: 24
Default Value: FF
Bit 7Bit 6Bit 5Bit 4Bit 3
Bit 2Bit 1
Bit 0
HTVR[7]
HTVR[6]
HTVR[5]
HTVR[4]
HTVR[3]
HTVR[2]
HTVR[1]
HTVR[0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com