Electronic Components Datasheet Search
  English  ▼

X  

SCD1284 Datasheet(PDF) 144 Page - Intel Corporation

Part # SCD1284
Description  IEEE 1284-Compatible Parallel Interface Controller with Two High-Speed Asynchronous Serial Ports
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

SCD1284 Datasheet(HTML) 144 Page - Intel Corporation

Back Button SCD1284 Datasheet HTML 140Page - Intel Corporation SCD1284 Datasheet HTML 141Page - Intel Corporation SCD1284 Datasheet HTML 142Page - Intel Corporation SCD1284 Datasheet HTML 143Page - Intel Corporation SCD1284 Datasheet HTML 144Page - Intel Corporation SCD1284 Datasheet HTML 145Page - Intel Corporation SCD1284 Datasheet HTML 146Page - Intel Corporation SCD1284 Datasheet HTML 147Page - Intel Corporation SCD1284 Datasheet HTML 148Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 176 page
background image
CD1284 — IEEE 1284-Compatible Parallel Interface Controller
144
Datasheet
7.7.15
Parallel FIFO Threshold Register
This register sets the FIFO threshold for initiating DMA requests for data transfer. The value is
expressed in bytes. Whenever DMAen is true, regular comparisons are made between the PFQR
and the PFTR. If the value in the PFQR is greater than or equal to the threshold, the DMA request
logic becomes active and remains active until the FIFO is essentially filled or emptied. An odd
character or space in the FIFO can remain.
In the receive direction, the Holding register pipeline (PFHR1 and PFHR2) are kept filled, so that
tagged data (for example, ECP mode addresses) can be detected and passed to the host by an
interrupt. For example, if the FIFO and data pipeline are initialized for receive, and 40 hex bytes
are placed into the FIFO from the parallel port, the first two of those bytes automatically are placed
in the Pipeline registers. If the PFTR were programmed to x’40 bytes, x’42 bytes must arrive to
trigger a DMA transfer.
PFTR is cleared by device reset; it is not cleared by FIFOres.
7.7.16
Run Length Count Register
This register works with the Holding registers (PFHR1 and PFHR2) to perform run-length
encoding and decoding when RLEen is set (PFCR[3]). The parallel port must be in ECP mode; in
other modes, run-length encoding does not occur.
2
Stale: This bit is set when the stale data timer expires (see the description of SDTPR). If a single byte
remains in the data pipeline when this bit is set, a host interrupt is generated, the OneChar bit is set, and new
data entering the FIFO does not move into PFHR1 until PFHR2 empties. If two or more bytes remain in the
pipeline when this bit is set, a host interrupt is not generated, however, a DMA request is generated if
enabled.
1
One Character: In the receive direction, this bit set indicates that the FIFO is empty and stale, and one
character remains in PFHR2. This condition occurs if an odd number of bytes is transferred by the parallel
interface. Since DMA cycles only move even numbers of bytes (words) and odd transfers leave one byte
remaining, host software must remove this character outside of DMA transfer cycles.
0
Data Error: If this bit is set, it indicates that one or more of the bits in the DER are set.
Register Name: PFTR
Register Description: Parallel FIFO Threshold
Access: Read/Write
8-Bit Hex Address: 3B
Default Value: 00
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0
DMA Transfer Threshold
Bit
Description (Continued)
Register Name: RLCR
Register Description: Run Length Count
Access: Read/Write
8-Bit Hex Address: 37
Default Value: 00
Bit 7Bit 6Bit 5
Bit 4
Bit 3Bit 2Bit 1Bit 0
0
7-bit Unsigned Binary Count



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com