Electronic Components Datasheet Search
  English  ▼

X  

SCD1284 Datasheet(PDF) 147 Page - Intel Corporation

Part # SCD1284
Description  IEEE 1284-Compatible Parallel Interface Controller with Two High-Speed Asynchronous Serial Ports
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

SCD1284 Datasheet(HTML) 147 Page - Intel Corporation

Back Button SCD1284 Datasheet HTML 143Page - Intel Corporation SCD1284 Datasheet HTML 144Page - Intel Corporation SCD1284 Datasheet HTML 145Page - Intel Corporation SCD1284 Datasheet HTML 146Page - Intel Corporation SCD1284 Datasheet HTML 147Page - Intel Corporation SCD1284 Datasheet HTML 148Page - Intel Corporation SCD1284 Datasheet HTML 149Page - Intel Corporation SCD1284 Datasheet HTML 150Page - Intel Corporation SCD1284 Datasheet HTML 151Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 176 page
background image
IEEE 1284-Compatible Parallel Interface Controller — CD1284
Datasheet
147
14-bit counter is started (from 0x00). It counts up until either the expected event occurs or the
count matches the value in HTVR. If a match occurs, a timeout condition exists. The HTVR need
only be loaded once, typically during device initialization.
The value placed in HTVR yields an approximate one second count time, based on the value of the
input CLK. For example, if the system clock driving the device is 25 MHz, the HTVR should be
loaded with 0xC0. The following equation provides an example.
The computed value is rounded up to the next largest whole hex value, in this case ‘0x3000’. Load
the HTVR with the most-significant 8 bits of this value, left-shifted two places since HTVR is a 14-
bit counter. This results in a value of ‘0xC0’. For 20 MHz, the value is computed to be ‘0x9C’; for
16 MHz, the value is ‘0x7C’; values for other clocks can be easily computed in the same manner.
At reset, the HTVR defaults to a value of ‘0xFF’; this prevents the extremely short timeouts that
occur if the register is cleared at device reset and is not initialized.
A timeout causes a negotiation status change interrupt. This status is displayed as ‘0x22’ in the
NSR (NSR[5] and the code for return to Compatibility mode – ‘0010’ – in the result code field).
When Compatibility mode is reentered, the port control state machine waits in a locked state until
signals on the parallel port return to normal Compatibility mode conditions.
For debug purposes, disable the host timeout timer by setting PCR[3:2] (HTmrTst[1:0]). In this
case, no timeouts occur and the link can hang indefinitely while waiting for a host-generated event.
7.8.3
Input Value Register
This register always shows the current state of the external handshake pins.
25MHz
2048
------------------
12207
10
2FAF
16
==
Register Name: IVR
Register Description: Input Value
Access: Read only
8-Bit Hex Address: 2E
Default Value: XX
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0
0
0
0
A1284
nInit
HstBsy
HstClk
Bit
Description
7:4
These bits are not used and return ‘0’ when read.
3
A1284
2
nInit (low active Init input)
1
HstBsy (host busy)
0
HstClk (host clock)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com