Electronic Components Datasheet Search
  English  ▼

X  

SCD1284 Datasheet(PDF) 142 Page - Intel Corporation

Part # SCD1284
Description  IEEE 1284-Compatible Parallel Interface Controller with Two High-Speed Asynchronous Serial Ports
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

SCD1284 Datasheet(HTML) 142 Page - Intel Corporation

Back Button SCD1284 Datasheet HTML 138Page - Intel Corporation SCD1284 Datasheet HTML 139Page - Intel Corporation SCD1284 Datasheet HTML 140Page - Intel Corporation SCD1284 Datasheet HTML 141Page - Intel Corporation SCD1284 Datasheet HTML 142Page - Intel Corporation SCD1284 Datasheet HTML 143Page - Intel Corporation SCD1284 Datasheet HTML 144Page - Intel Corporation SCD1284 Datasheet HTML 145Page - Intel Corporation SCD1284 Datasheet HTML 146Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 176 page
background image
CD1284 — IEEE 1284-Compatible Parallel Interface Controller
142
Datasheet
The PFEP is cleared by a device or FIFO reset.
7.7.10
Parallel FIFO Fill Pointer Register
This register holds the internal fill location pointer of the FIFO. It identifies the location in the
FIFO to receive the next data byte from the pipeline.
The PFFP is cleared by a device or FIFO reset.
7.7.11
Parallel FIFO Holding Register 1
7.7.12
Parallel FIFO Holding Register 2
These two 1-byte registers provide a data pipeline between the FIFO and DMA buffer. Data always
flows into PFHR1 first, then to PFHR2, and finally, either to the FIFO or the DMABUF register.
The flow is to the FIFO if DMAdir is ‘1’ and, from the FIFO if DMAdir is ‘0’. The pipeline and the
holding registers support ‘tagged’ data for complete support of ECP Parallel Port mode. Tagged
data is either an address or a run-length code.
If RLEen (PFCR[3]) is set, in the receive direction, run-length codes are captured in the RLCR for
decompression of received data. ECP address codes are recognized and pass into the PFHR1–
PFHR2 pipeline. The presence of an ECP address interrupts DMA flow and causes an interrupt to
the host so it can remove the tagged data from the pipeline by reading either PFHR2 or PFHR1.
In the transmit direction, the host can introduce ECP address (tagged) data or run-length codes for
precompressed data by setting the SetTAG bit (PFCR[2]) and writing the byte to be tagged to
PFHR1. For each tagged data transfer, the SetTAG bit must be set prior to writing to PFHR1. To
perform a tagged data transfer, the automatic DMA function must be disabled prior to the transfer
(set DMAen
= 0). This can be done at the same time that SetTAG is set to ‘1’.
Register Name: PFFP
Register Description: Parallel FIFO Fill Pointer
Access: Read/Write
8-Bit Hex Address: 38
Default Value: 00
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0
0
6-bit binary FIFO Pointer Value
Register Name: PFHR1
Register Description: Parallel FIFO Holding Register 1
Access: Read/Write
8-Bit Hex Address: 35
Default Value: 00
Bit 7Bit 6Bit 5Bit 4Bit 3
Bit 2Bit 1
Bit 0
8-bit Character Data
Register Name: PFHR2
Register Description: Parallel FIFO Holding Register 2
Access: Read/Write
8-Bit Hex Address: 36
Default Value: 00
Bit 7Bit 6Bit 5Bit 4Bit 3
Bit 2Bit 1
Bit 0
8-bit Character Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com