Electronic Components Datasheet Search
  English  ▼

X  

SCD1284 Datasheet(PDF) 138 Page - Intel Corporation

Part # SCD1284
Description  IEEE 1284-Compatible Parallel Interface Controller with Two High-Speed Asynchronous Serial Ports
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

SCD1284 Datasheet(HTML) 138 Page - Intel Corporation

Back Button SCD1284 Datasheet HTML 134Page - Intel Corporation SCD1284 Datasheet HTML 135Page - Intel Corporation SCD1284 Datasheet HTML 136Page - Intel Corporation SCD1284 Datasheet HTML 137Page - Intel Corporation SCD1284 Datasheet HTML 138Page - Intel Corporation SCD1284 Datasheet HTML 139Page - Intel Corporation SCD1284 Datasheet HTML 140Page - Intel Corporation SCD1284 Datasheet HTML 141Page - Intel Corporation SCD1284 Datasheet HTML 142Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 176 page
background image
CD1284 — IEEE 1284-Compatible Parallel Interface Controller
138
Datasheet
These resisters can be read through DMA acknowledge or PIO cycles, however, the DMABUF
registers can only be read when the DMAREQ* signal is active. If DMAREQ* is inactive, the
DMABUF registers will be empty. DMAfull (HRSR[3]) indicates if the DMABUF register is
empty when DMAREQ* is active.
7.7.4
Firmware Revision Code Holding Register Status Register
The HRSR is a read-only register that indicates current data pipeline status. This register is not
directly set to any particular value by a device reset, but reflects the current state of bits in other
registers.
7.7.5
Local Interrupt Vector Register
This read/write register can be initialized to any desired value and, when read in the normal context
(that is, not a service acknowledge context), the same value will be returned. The upper 5 bits are
copied into the appropriate vector register (MIVR, PIVR, TIVR, or RIVR) when the corresponding
SVCACK* signal is activated and an SVCREQ* of the same type is active. During this hardware-
activated service acknowledge read cycle, the appropriate vector register (MIVR, PIVR, TIVR, or
RIVR) is driven onto the data bus, DB[7:0].
Register Name: HRSR
Register Description: Holding Register Status
Access: Read only
8-Bit Hex Address: 34
Default Value: 04
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
HR1full
HR1tag
HR2full
HR2tag
DMAfull
DMAmpty
DMAact
Ctnot0
Bit
Description
7:6
Holding Register 1 Full and Holding Register 1 Tagged: These two bits indicate status of PFHR1. Bit 7
indicates that the register contains data; bit 6 indicates that the data is tagged. Bits 7 and 6 can be set
simultaneously.
5:4
Holding Register 2 Full and Holding Register 2 Tagged: These two bits indicate status of PFHR2. Bit 5
indicates that the register contains data; bit 4 indicates that the data is tagged. Bits 5 and 4 can be set
simultaneously.
3:2
DMA Buffer Full and DMA Buffer Empty: These two bits indicate status of the DMA transfer buffer (DMA
buffer). Bit 3 indicates that the register contains data; bit 2 indicates that it is empty.
1
DMA Active: When this bit is set, it indicates that the DMA handshake is active and a DMA service has been
requested but is not yet complete (DMAREQ* active – waiting for DMAACK*).
0
Count Not Zero: This bit indicates that the RLE counter is not zero, thus run-length encoding/decoding is in
progress.
Register Name: LIVR
Register Description: Local Interrupt Vector
Access: Read/Write
8-Bit Hex Address: 18
Default Value: 00
Bit 7Bit 6Bit 5Bit 4Bit 3
Bit 2Bit 1
Bit 0
User-Defined Bits
IT2
IT1
IT0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com