Electronic Components Datasheet Search
  English  ▼

X  

SCD1284 Datasheet(PDF) 137 Page - Intel Corporation

Part # SCD1284
Description  IEEE 1284-Compatible Parallel Interface Controller with Two High-Speed Asynchronous Serial Ports
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

SCD1284 Datasheet(HTML) 137 Page - Intel Corporation

Back Button SCD1284 Datasheet HTML 133Page - Intel Corporation SCD1284 Datasheet HTML 134Page - Intel Corporation SCD1284 Datasheet HTML 135Page - Intel Corporation SCD1284 Datasheet HTML 136Page - Intel Corporation SCD1284 Datasheet HTML 137Page - Intel Corporation SCD1284 Datasheet HTML 138Page - Intel Corporation SCD1284 Datasheet HTML 139Page - Intel Corporation SCD1284 Datasheet HTML 140Page - Intel Corporation SCD1284 Datasheet HTML 141Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 176 page
background image
IEEE 1284-Compatible Parallel Interface Controller — CD1284
Datasheet
137
7.7.2
DMA Buffer Data Register — High
7.7.3
DMA Buffer Data Register — Low
This 16-bit data register is used to buffer DMA data transfers to and from the CD1284. Under
normal operating conditions, this register is only accessed during a DMA data transfer cycle. If the
DMAbufWe (PFCR[0]) is set to ‘1’ and DMAdir (PFCR[5]) is set to ‘1’, data may be transferred
from the host to the FIFO by directly writing to the DMABUF. The data automatically moves
forward into the FIFO through the Data Pipeline Holding registers. The user must ensure that the
FIFO has sufficient free space to accept the data before writing into the DMABUF.
The BYTESWAP pin determines the order of byte transfer from this register into the data pipeline.
If BYTESWAP is set to ‘1’, data transferred on DB[15:8] is the first byte transferred into the data
pipeline and DB[7:0] is transferred second. If BYTESWAP is set to ‘0’ this sequence is reversed.
The same applies during data read during DMA transfers: if BYTESWAP is set to ‘1’, data from
the data pipeline moves to the upper byte of DMABUF, the next byte moves into the lower byte.
Again, if BYTESWAP is set to ‘0’, this sequence is reversed.
Bit
Description
7
DMA Write Error: This bit is set if the DMA control logic has written to the DMA buffer when it already
contains data. It indicates that an invalid DMA transfer cycle occurred (a DMAACK* without a corresponding
DMAREQ*).
6
DMA Read Error: As with bit 7, this bit indicates that DMA logic has performed a read from the DMA buffer
when there was no data in it. It indicates that an invalid DMA transfer cycle occurred.
5
Buffer Write Error: This bit indicates that a system write to the DMA buffer occurred while it still contained
data.
4
Buffer Read Error: This bit indicates that a system read from the DMA buffer occurred while it was empty.
3
Holding Register 1 Write Error: This bit indicates that a system write to PFHR1 occurred while it still
contained data.
2
Holding Register 1 Read Error: This bit indicates that a system read from PFHR1 occurred while it was
empty.
1
Holding Register 2 Write Error: This bit indicates that a system write to PFHR2 occurred while it still
contained data.
0
Holding Register 2 Read Error: This bit indicates that a system read from PFHR2 occurred while it was
empty.
Register Name: DMABUFH
Register Description: DMA Buffer Data Register, high
Access: Read/Write
8-Bit Hex Address: 30
Default Value: 00
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
15
14
13
12
11
10
9
8
Register Name: DMABUFL
Register Description: DMA Buffer Data Register, low
Access: Read/Write
8-Bit Hex Address: 30
Default Value: 00
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
76
54
32
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com