Electronic Components Datasheet Search
  English  ▼

X  

SCD1284 Datasheet(PDF) 133 Page - Intel Corporation

Part # SCD1284
Description  IEEE 1284-Compatible Parallel Interface Controller with Two High-Speed Asynchronous Serial Ports
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

SCD1284 Datasheet(HTML) 133 Page - Intel Corporation

Back Button SCD1284 Datasheet HTML 129Page - Intel Corporation SCD1284 Datasheet HTML 130Page - Intel Corporation SCD1284 Datasheet HTML 131Page - Intel Corporation SCD1284 Datasheet HTML 132Page - Intel Corporation SCD1284 Datasheet HTML 133Page - Intel Corporation SCD1284 Datasheet HTML 134Page - Intel Corporation SCD1284 Datasheet HTML 135Page - Intel Corporation SCD1284 Datasheet HTML 136Page - Intel Corporation SCD1284 Datasheet HTML 137Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 176 page
background image
IEEE 1284-Compatible Parallel Interface Controller — CD1284
Datasheet
133
7.5.8
Receive Timeout Period Register
The RTPR determines the time period used for the NNDT (no new data timeout) and the ‘no new
data’ timeout. The timeout counter is loaded from this register whenever a new character is placed
in – or the last character is removed from – the receive FIFO. The counter decrements on each tick
of the prescaler counter (PPR). A service request is generated if the count reaches zero and:
• Either an NNDT if the FIFO is empty and the NNDT is enabled, or
• A Good Data service request is generated if there is data in the FIFO
In either case the timeout period has expired before the FIFO reaches the programmed threshold.
7.6
Special Character Registers
The four special character registers, SCHR1–SCHR4, contain the character patterns used for
various character matching and flow-control functions. Each 8-bit character is right justified, that
is, comparison occurs from right to left, and all bits are compared. Any unused bits must be ‘0’.
SCHR1 and SCHR2 serve the additional function of defining the XON and XOFF characters,
respectively, used for in-band flow control.
7.6.1
Special Character Register 1
SCHR1 defines the XON character.
7.6.2
Special Character Register 2
SCHR2 defines the XOFF character.
Register Name: RTPR
Register Description: Receive Timeout Period
Access: Read/Write
8-Bit Hex Address: 21
Default Value: 00
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Binary Count Value
Register Name: SCHR1
Register Description: Special Character Register 1
Access: Read/Write
8-Bit Hex Address: 1A
Default Value: 00
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Special Character 1
Register Name: SCHR2
Register Description: Special Character Register 2
Access: Read/Write
8-Bit Hex Address: 1B
Default Value: 00
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Special Character 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com