Electronic Components Datasheet Search
  English  ▼

X  

SCD1284 Datasheet(PDF) 132 Page - Intel Corporation

Part # SCD1284
Description  IEEE 1284-Compatible Parallel Interface Controller with Two High-Speed Asynchronous Serial Ports
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

SCD1284 Datasheet(HTML) 132 Page - Intel Corporation

Back Button SCD1284 Datasheet HTML 128Page - Intel Corporation SCD1284 Datasheet HTML 129Page - Intel Corporation SCD1284 Datasheet HTML 130Page - Intel Corporation SCD1284 Datasheet HTML 131Page - Intel Corporation SCD1284 Datasheet HTML 132Page - Intel Corporation SCD1284 Datasheet HTML 133Page - Intel Corporation SCD1284 Datasheet HTML 134Page - Intel Corporation SCD1284 Datasheet HTML 135Page - Intel Corporation SCD1284 Datasheet HTML 136Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 176 page
background image
CD1284 — IEEE 1284-Compatible Parallel Interface Controller
132
Datasheet
7.5.7
Received Data Count Register
The RDCR indicates the number of good characters currently in the serial received data FIFO. Host
software can use this value as a loop counter when taking characters out of the FIFO. The value in
this register is only valid during the context of a service request acknowledge. At other times, it
may or may not give a true indication of the number of characters in the FIFO.
1
0
1
Not used.
1
1
0
1
1
1
Register Name: RDCR
Register Description: Received Data Count
Access: Read only
8-Bit Hex Address: 0E
Default Value: 00
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0
0
0
0
CT3
CT2
CT1
CT0
ClkSel2
ClkSel1
ClkSel0
Clock Selected
Bit
Description
7:4
These bits must always be ‘0’.
3:0
Character Count 3:0: The encoding for these bits is:
CT3
CT2
CT1
CT0
Number of characters in FIFO
0
0
0
0
Not used.
0
0
0
1
1 character
0
0
1
0
2 characters
••
••
1
0
1
1
11 characters
1
1
0
0
12 characters
110
1
Not used.
111
0
111
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com