Electronic Components Datasheet Search
  English  ▼

X  

SCD1284 Datasheet(PDF) 128 Page - Intel Corporation

Part # SCD1284
Description  IEEE 1284-Compatible Parallel Interface Controller with Two High-Speed Asynchronous Serial Ports
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

SCD1284 Datasheet(HTML) 128 Page - Intel Corporation

Back Button SCD1284 Datasheet HTML 124Page - Intel Corporation SCD1284 Datasheet HTML 125Page - Intel Corporation SCD1284 Datasheet HTML 126Page - Intel Corporation SCD1284 Datasheet HTML 127Page - Intel Corporation SCD1284 Datasheet HTML 128Page - Intel Corporation SCD1284 Datasheet HTML 129Page - Intel Corporation SCD1284 Datasheet HTML 130Page - Intel Corporation SCD1284 Datasheet HTML 131Page - Intel Corporation SCD1284 Datasheet HTML 132Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 176 page
background image
CD1284 — IEEE 1284-Compatible Parallel Interface Controller
128
Datasheet
7.4.5
Channel Option Register 5
7.4.6
Local Interrupt Vector Register
The LIVR is used only during hardware-activated service-acknowledge cycles. Host software
loads desired information into the most-significant five bits; the least-significant three bits are not
used. When the CD1284 is setting up a service request, it overlays the five most-significant bits of
the LIVR into appropriate interrupt vector register (RIVR, TIVR, PIVR, and MIVR) and sets the
least-significant three bits as required for the service request vector type. (See RIVR, TIVR, PIVR,
and MIVR descriptions). Refer to Section 7.7.5 on page 138 for a more detailed description of this
register.
Register Name: COR5
Register Description: Channel Option Register 5
Access: Read/Write
8-Bit Hex Address: 1F
Default Value: 00
Bit 7Bit 6Bit 5Bit 4Bit 3
Bit 2Bit 1
Bit 0
ISTRIP
LNE
CMOE
0
0
EBD
ONLCR
OCRNL
Bit
Description
7
ISTRIP: This bit enables stripping of the most-significant bit (bit 7) on all received characters. ‘1’ enables the
function.
6
LNext Enable: When this bit is set, characters following an LNext character (as programmed by the LNC
register) are not processed as a special character.
5
Character Matching on Error: If this bit is set, character matching occurs on both good and error characters.
If the bit is cleared, matching occurs on good characters only.
4:3
These bits must always be ‘0’.
2
End of Break Detect: If this bit is set, the CD1284 after detecting and reporting a line-break condition,
searches for the end of a break and reports it by an exception service request with the End of Break status in
the RDSR (see RDSR description Section 7.2.4 on page 115).
1:0
Carriage Return (CR) and New Line (NL) Processing – Transmit: These two bits define any actions taken on
characters in the transmit data stream.
Register Name: LIVR
Register Description: Local Interrupt Vector
Access: Read/Write
8-Bit Hex Address: 18
Default Value: 00
Bit 7Bit 6
Bit 5
Bit 4Bit 3Bit 2Bit 1Bit 0
XXXXX
IT2
IT1
IT0
ONLCR
OCRNL
Action
0
0
No action.
0
1
Transmit CR changed to NL.
1
0
Transmit NL changed to CRNL.
1
1
Transmit CR changed to NL; NL changed to CRNL.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com