Electronic Components Datasheet Search
  English  ▼

X  

SCD1284 Datasheet(PDF) 127 Page - Intel Corporation

Part # SCD1284
Description  IEEE 1284-Compatible Parallel Interface Controller with Two High-Speed Asynchronous Serial Ports
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

SCD1284 Datasheet(HTML) 127 Page - Intel Corporation

Back Button SCD1284 Datasheet HTML 123Page - Intel Corporation SCD1284 Datasheet HTML 124Page - Intel Corporation SCD1284 Datasheet HTML 125Page - Intel Corporation SCD1284 Datasheet HTML 126Page - Intel Corporation SCD1284 Datasheet HTML 127Page - Intel Corporation SCD1284 Datasheet HTML 128Page - Intel Corporation SCD1284 Datasheet HTML 129Page - Intel Corporation SCD1284 Datasheet HTML 130Page - Intel Corporation SCD1284 Datasheet HTML 131Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 176 page
background image
IEEE 1284-Compatible Parallel Interface Controller — CD1284
Datasheet
127
Bit
Description
7:5
Carriage Return (CR) and New Line (NL) Processing: These three bits define the way that the CD1284
processes received CR and NL characters (x’0D and x’0A). The following table shows the actions performed:
4:3
Break Processing: The CD1284 can handle received break characters in three ways:
2:0
Parity (P), Framing (F), and Overrun (O) Error Special Processing: As with break characters, the CD1284
can treat error characters in several different ways, if enabled:
IGNCR
ICRNL
INLCR
Action
0
0
0
No action.
0
0
1
Received NL changed to CR.
0
1
0
Received CR changed to NL.
0
1
1
Received CR changed to NL; NL changed to CR.
1
0
0
Received CR discarded.
1
0
1
Received CR discarded; NL changed to CR.
1
1
0
Received CR discarded.
1
1
1
Received CR discarded; NL changed to CR.
IGNBRK
−BRKINT
Break Action
0
0
Received break generates an exception service request. End-
of-Break also generates an exception service request if EBD is
enabled in COR5.
0
1
Received break treated as a good NULL character.
1
0
Not used.
1
1
Received break discarded.
PEH[2]
PEH[1]
PEH[0]
Action
0
0
0
Received P/F/O error characters treated as exception data.
0
0
1
Received P/F/O error characters treated as good data.
0
1
0
Received P/F/O error characters discarded.
0
1
1
Received P/F/O error characters replaced with good NULL
characters.
1
0
0
Received P/F/O error characters are replaced with the two
character sequence x’FF-NULL-character. Good x’FF
characters are replaced with the two character sequence
x’FF-x’FF.
1
0
1
Not used.
1
1
0
1
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com