Electronic Components Datasheet Search
  English  ▼

X  

SCD1284 Datasheet(PDF) 118 Page - Intel Corporation

Part # SCD1284
Description  IEEE 1284-Compatible Parallel Interface Controller with Two High-Speed Asynchronous Serial Ports
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

SCD1284 Datasheet(HTML) 118 Page - Intel Corporation

Back Button SCD1284 Datasheet HTML 114Page - Intel Corporation SCD1284 Datasheet HTML 115Page - Intel Corporation SCD1284 Datasheet HTML 116Page - Intel Corporation SCD1284 Datasheet HTML 117Page - Intel Corporation SCD1284 Datasheet HTML 118Page - Intel Corporation SCD1284 Datasheet HTML 119Page - Intel Corporation SCD1284 Datasheet HTML 120Page - Intel Corporation SCD1284 Datasheet HTML 121Page - Intel Corporation SCD1284 Datasheet HTML 122Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 176 page
background image
CD1284 — IEEE 1284-Compatible Parallel Interface Controller
118
Datasheet
Virtual Registers — All
7.2.8
End of Service Request Register
The EOSRR is a dummy location used to signal the end of a hardware service-acknowledge
procedure invoked by the activation of SVCACK*. The data pattern written is a ‘don’t care’ value.
A write to this location causes the CD1284 to perform its internal switch out of the service-
acknowledge context. This register is only used during a hardware-activated service acknowledge
and must not be written during Poll-mode operation.
7.3
Channel Registers
Each of the four channels has a set of registers that control aspects of its operation. In the following
register descriptions the register contents and offsets apply to any of the channels; the channel
being accessed at any given time is controlled by the CAR. This is true even during a service-
acknowledge context; the CAR points to the channel to be serviced, whether it was loaded by the
host (during Poll-mode operation) or by the CD1284 itself (during a hardware-activated service
acknowledge).
7.3.1
Channel Command Register
The CCR issues commands directly to the on-chip processor to control or change some channel
and, in one case, global functions of the channel selected by the CAR. The upper four bits indicate
which of four command types is being issued and the lower four bits are parameters to those
commands. No more than one bit is ever set in the command type field. When the command is
executed by the CD1284, it zeros out the CCR. Therefore, two consecutive commands must wait
for the CCR to clear after the first is issued, before the second command is issued.
Note:
The CCR is valid only for serial channels 2 and 3. Commands issued to the CCR location of the
parallel channel (channel 0) or channel 1 are ignored by the MPU and have no effect on device
operation. If the host needs to issue a full device reset, it must select either channel 2 or channel 3
before issuing the command.
Register Name: EOSRR
Register Description: End of Service Request
Access: Write only
8-Bit Hex Address: 60
Default Value: XX
Bit 7Bit 6Bit 5Bit 4Bit 3
Bit 2Bit 1
Bit 0
XX
XX
XX
XX
Register Name: CCR
Register Description: Channel Command
Access: Read/Write
8-Bit Hex Address: 05
Default Value: 00
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Res Chan
COR Chg
Send SC
Chan Ctl
D3
D2
D1
D0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com