Electronic Components Datasheet Search
  English  ▼

X  

SCD1284 Datasheet(PDF) 117 Page - Intel Corporation

Part # SCD1284
Description  IEEE 1284-Compatible Parallel Interface Controller with Two High-Speed Asynchronous Serial Ports
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

SCD1284 Datasheet(HTML) 117 Page - Intel Corporation

Back Button SCD1284 Datasheet HTML 113Page - Intel Corporation SCD1284 Datasheet HTML 114Page - Intel Corporation SCD1284 Datasheet HTML 115Page - Intel Corporation SCD1284 Datasheet HTML 116Page - Intel Corporation SCD1284 Datasheet HTML 117Page - Intel Corporation SCD1284 Datasheet HTML 118Page - Intel Corporation SCD1284 Datasheet HTML 119Page - Intel Corporation SCD1284 Datasheet HTML 120Page - Intel Corporation SCD1284 Datasheet HTML 121Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 176 page
background image
IEEE 1284-Compatible Parallel Interface Controller — CD1284
Datasheet
117
7.2.6
Transmit Data Register
The transmit data register is the port for the host to write to the transmit FIFO. When a channel is
being serviced for a transmit service request, the host can write up to 12 characters to this register.
The transmit data register should only be written during the context of a transmit-service
acknowledge. A write of data to this location at any other time yields unpredictable results.
7.2.7
Transmit Interrupt Vector Register
The value in this register is placed on the data bus, DB[7:0], when SVCACKT* is activated in
response to an active SVCREQT*. See Section 7.4.6 on page 128 for more details on the LIVR.
0
1
1
Group 3: Received good data service request.
100
Invalid.
lll
110
1
1
1
Group 3: Received exception data service request.
Register Name: TDR
Register Description: Transmit Data
Access: Write only
8-Bit Hex Address: 63
Default Value: 00
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Transmit Character
IT2
IT1
IT0
Description
Register Name: TIVR
Register Description: Transmit Interrupt Vector
Access: Read only
8-Bit Hex Address: 42
Default Value: 00
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
XXX
XX
IT2
IT1
IT0
IT2
IT1
IT0
Description
0
0
0
No transmit interrupt active.
0
0
1
Invalid.
0
1
0
Group 2: Transmit data service request.
11
1
Invalid.
lll
11
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com