Electronic Components Datasheet Search
  English  ▼

X  

SCD1284 Datasheet(PDF) 112 Page - Intel Corporation

Part # SCD1284
Description  IEEE 1284-Compatible Parallel Interface Controller with Two High-Speed Asynchronous Serial Ports
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

SCD1284 Datasheet(HTML) 112 Page - Intel Corporation

Back Button SCD1284 Datasheet HTML 108Page - Intel Corporation SCD1284 Datasheet HTML 109Page - Intel Corporation SCD1284 Datasheet HTML 110Page - Intel Corporation SCD1284 Datasheet HTML 111Page - Intel Corporation SCD1284 Datasheet HTML 112Page - Intel Corporation SCD1284 Datasheet HTML 113Page - Intel Corporation SCD1284 Datasheet HTML 114Page - Intel Corporation SCD1284 Datasheet HTML 115Page - Intel Corporation SCD1284 Datasheet HTML 116Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 176 page
background image
CD1284 — IEEE 1284-Compatible Parallel Interface Controller
112
Datasheet
Note:
This value does not have any effect on baud rate generation.
The time period generated by this register drives the receive timer and activates the ‘no new data’
and ‘receive data timeout’ interrupts. See the receiver operation discussion in Chapter 5.0 for a
description of receiver timer functions.
7.1.9
Receive Interrupting Channel Register
See Section 7.1.5 on page 109, the description of the MICR, for details on the RICR.
7.1.10
Receive Interrupt Register
See Section 7.1.6 on page 110, the description of the MIR, for details on the RIR.
7.1.11
Service Request Register
The SVRR reflects the inverse of the state of the service request pins (SVCREQR*, SVCREQT*,
and SVCREQM*). Its primary use is in polled systems, and it allows system software to determine
what, if any, service requests are pending.
Register Name: RICR
Register Description: Receive Interrupting Channel
Access: Read/Write
8-Bit Hex Address: 44
Default Value: 00
765
4321
0
X
XXX
C1
C0
XX
Register Name: RIR
Register Description: Receive Interrupt
Access: Read/Write
8-Bit Hex Address: 6B
Default Value: 18
Bit 7Bit 6Bit 5
Bit 4
Bit 3Bit 2Bit 1Bit 0
RxIreq
Rxbusy
Rxunfair
1
1
0
ch[1]
ch[0]
Register Name: SVRR
Register Description: Service Request
Access: Read only
8-Bit Hex Address: 67
Default Value: 00
Bit 7Bit 6Bit 5Bit 4Bit 3Bit 2Bit 1Bit 0
DMAREQ
ExtM
ExtT
ExtR
SRP
SRM
SRT
SRR
Bit
Description
7
DMA Request Status: ‘1’ indicates request pending.
6
ExtM: Reflects the current state of the external SVCREQM* signal.
5
ExtT: Reflects the current state of the external SVCREQT* signal.
4
ExtR: Reflects the current state of the external SVCREQR* signal.
3
Service Request Parallel: ‘1’ indicates request pending.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com