Electronic Components Datasheet Search
  English  ▼

X  

SCD1284 Datasheet(PDF) 108 Page - Intel Corporation

Part # SCD1284
Description  IEEE 1284-Compatible Parallel Interface Controller with Two High-Speed Asynchronous Serial Ports
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

SCD1284 Datasheet(HTML) 108 Page - Intel Corporation

Back Button SCD1284 Datasheet HTML 104Page - Intel Corporation SCD1284 Datasheet HTML 105Page - Intel Corporation SCD1284 Datasheet HTML 106Page - Intel Corporation SCD1284 Datasheet HTML 107Page - Intel Corporation SCD1284 Datasheet HTML 108Page - Intel Corporation SCD1284 Datasheet HTML 109Page - Intel Corporation SCD1284 Datasheet HTML 110Page - Intel Corporation SCD1284 Datasheet HTML 111Page - Intel Corporation SCD1284 Datasheet HTML 112Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 176 page
background image
CD1284 — IEEE 1284-Compatible Parallel Interface Controller
108
Datasheet
7.0
Detailed Register Descriptions
This section presents a complete and detailed description of each register. Registers have two
formats: 1) full eight bits, where the entire content defines a single function; 2) the register is a
collection of bits, grouped singly or in multiples, defining a function. In the second format, the
descriptions divide the register into its component parts and describe the bits individually. The
order of register presentation corresponds to the register summary tables in Chapter 4.0.
7.1
Global Registers
7.1.1
Channel Access Register
The CAR provides access to individual channels within the CD1284. The least-significant two bits
of the register select one of the four channels. Before any operation that affects a channel, this
register must be loaded so that channel registers are available to the host. Bit 2 must always be ‘0’.
Bits 7:3 are not used except during Poll-mode operation (see Section 6.3 for details).
7.1.2
Global Firmware Revision Code Register
The GFRCR serves two purposes in the CD1284. First, it displays the revision number of the
firmware in the chip. When a revision to the CD1284 is required, the revision number of the
firmware is incremented by one. The revision code is 24 (hex) for the Revision D device, and 25
(hex) for the Revision E device.
Register Name: CAR
Register Description: Channel Access
Access: Read/Write
8-Bit Hex Address: 68
Default Value: XX
Bit 7Bit 6Bit 5Bit 4Bit 3
Bit 2Bit 1
Bit 0
Poll
Poll
Poll
Poll
Poll
0
C1
C0
C1
C0
Channel Selected
0
0
Channel 0
0
1
Not used
1
0
Channel 2
1
1
Channel 3
Register Name: GFRCR
Register Description: Global Firmware Revision Code
Access: Read/Write
8-Bit Hex Address: 4F
Default Value: 25
Bit 7Bit 6Bit 5
Bit 4
Bit 3Bit 2Bit 1Bit 0
Firmware Revision Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com