Electronic Components Datasheet Search
  English  ▼

X  

SCD1284 Datasheet(PDF) 104 Page - Intel Corporation

Part # SCD1284
Description  IEEE 1284-Compatible Parallel Interface Controller with Two High-Speed Asynchronous Serial Ports
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

SCD1284 Datasheet(HTML) 104 Page - Intel Corporation

Back Button SCD1284 Datasheet HTML 100Page - Intel Corporation SCD1284 Datasheet HTML 101Page - Intel Corporation SCD1284 Datasheet HTML 102Page - Intel Corporation SCD1284 Datasheet HTML 103Page - Intel Corporation SCD1284 Datasheet HTML 104Page - Intel Corporation SCD1284 Datasheet HTML 105Page - Intel Corporation SCD1284 Datasheet HTML 106Page - Intel Corporation SCD1284 Datasheet HTML 107Page - Intel Corporation SCD1284 Datasheet HTML 108Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 176 page
background image
CD1284 — IEEE 1284-Compatible Parallel Interface Controller
104
Datasheet
Table 23. Baud Rate Constants — CLK = 20.2752 MHz
Baud Rate
RCOR/TCOR
RBPR/TBPR (Hex)
Error
110
4
5A
0.00%
150
4
42
0.00%
300
3
84
0.00%
600
3
42
0.00%
1200
2
84
0.00%
2400
2
42
0.00%
4800
1
84
0.00%
9600
1
42
0.00%
19200
0
84
0.00%
38400
0
42
0.00%
56000
0
2D
0.57%
57600
0
2C
0.00%
64000
0
28
1.00%
76800
0
21
0.00%
115200
0
16
0.00%
(Not recommended at this CLK)
128000
0
14
1.01%
(Not recommended at this CLK)
150000
0
11
0.62%
(Not recommended at this CLK)
Table 24. Baud Rate Constants — CLK = 20.00 MHz (Sheet 1 of 2)
Baud Rate
RCOR/TCOR (Hex)
RBPR/TBPR
Error
110
4
59
0.25%
150
4
41
0.16%
300
3
82
0.16%
600
3
41
0.16%
1200
2
82
0.16%
2400
2
41
0.16%
4800
1
82
0.16%
9600
1
41
0.16%
19200
0
82
0.16%
38400
0
41
0.16%
56000
0
2D
0.79%
57600
0
2B
0.94%
64000
0
27
0.16%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com