Electronic Components Datasheet Search
  English  ▼

X  

SCD1284 Datasheet(PDF) 110 Page - Intel Corporation

Part # SCD1284
Description  IEEE 1284-Compatible Parallel Interface Controller with Two High-Speed Asynchronous Serial Ports
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

SCD1284 Datasheet(HTML) 110 Page - Intel Corporation

Back Button SCD1284 Datasheet HTML 106Page - Intel Corporation SCD1284 Datasheet HTML 107Page - Intel Corporation SCD1284 Datasheet HTML 108Page - Intel Corporation SCD1284 Datasheet HTML 109Page - Intel Corporation SCD1284 Datasheet HTML 110Page - Intel Corporation SCD1284 Datasheet HTML 111Page - Intel Corporation SCD1284 Datasheet HTML 112Page - Intel Corporation SCD1284 Datasheet HTML 113Page - Intel Corporation SCD1284 Datasheet HTML 114Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 176 page
background image
CD1284 — IEEE 1284-Compatible Parallel Interface Controller
110
Datasheet
7.1.6
Modem Interrupt Register
The MIR, PIR, and TIR are used during Poll-mode operation of the CD1284. All three registers
provide the same type of information for each of the three service requests. The functions of
RxIreq, TxIreq, and MdIreq have identical meanings, as do the group Rxbusy, Txbusy, and
Mdbusy and the group Rxunfair, Txunfair, and Mdunfair. The least-significant two bits indicate the
number of the channel requesting service. Bits 4:2 are used internally by the CD1284 to set the
context of the service-acknowledge cycle. See the description of Poll-mode operations in Chapter
5.0 for complete details.
Bit
Description
7:4
User defined.
3:2
Channel X: When these bits are set to the values shown below, the channel number is defined.
1:0
User defined.
Register Name: MIR
Register Description: Modem Interrupt
Access: Read/Write
8-Bit Hex Address: 69
Default Value: 08
Bit 7Bit 6
Bit 5
Bit 4Bit 3Bit 2Bit 1Bit 0
MdIreq
Mdbusy
Mdunfair
0
1
0
ch[1]
ch[0]
C1
C0
Channel Number
0
0
Channel 0
0
1
Undefined
1
0
Channel 2
1
1
Channel 3
Bit
Description
7
RxIreq, TxIreq, and MdIreq: These bits are set by the internal processor when service is required by a
channel. The bits are a direct reflection of the inverse state of the SVCREQ* pins and they are the active-high
output of the latch that drives the SVCREQ* pins. The bits can be scanned by the host to detect an active
service request. These bits are cleared by the internal processor at the beginning of the service-acknowledge
cycle (hardware-service acknowledge) or by the host software when the Poll-mode cycle is terminated.
6
Rxbusy, Txbusy, and Mdbusy: These bits are set by the internal processor and they remain set until the end of
the service-acknowledge cycle is indicated by either a write to the EOSRR (hardware-service acknowledge),
or cleared by the host software when the Poll-mode cycle is terminated. These bits signal the current state of
the service-acknowledge cycle. When cleared, the internal processor knows that it can assert another service
request of this type.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com