Electronic Components Datasheet Search
  English  ▼

X  

7313 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 7313
Description  Touch panels with STN/FSTN or TFT display
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

7313 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  7313 Datasheet HTML 1Page - PHOENIX CONTACT 7313 Datasheet HTML 2Page - PHOENIX CONTACT 7313 Datasheet HTML 3Page - PHOENIX CONTACT 7313 Datasheet HTML 4Page - PHOENIX CONTACT 7313 Datasheet HTML 5Page - PHOENIX CONTACT 7313 Datasheet HTML 6Page - PHOENIX CONTACT 7313 Datasheet HTML 7Page - PHOENIX CONTACT 7313 Datasheet HTML 8Page - PHOENIX CONTACT 7313 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
TP 04M, TP 06M, TP 06S, TP 07T
7313_en_03
PHOENIX CONTACT
3
Memory
Application memory
8 Mbytes
Flash
32 Mbytes
SDRAM
64 Mbytes
Connection method
Network
Ethernet (10/100 Mbps), RJ45
USB interface
2 x USB 2.0
Climatic data
Temperature (operation)
0°C ... 50°C
Ambient temperature (storage/transport)
-25°C ... +70°C
Relative humidity (operation and storage)
10% ... 95%, no condensation
Standards and directives
Noise immunity
DIN EN 61000-4-2
DIN EN 61000-4-3
DIN EN 61000-4-4
DIN EN 61000-4-5
DIN EN 61000-4-6
DIN EN 61000-6-2
Noise emission
DIN EN 55011 limit value class A
DIN EN 55022 limit value class A
DIN EN 6100-6-4
Equipment requirement
DIN EN 61131-2
Storage and transport
DIN EN 61131-2
Power supply units
DIN EN 61131-2
Electromagnetic compatibility
2004/108/EC (including all applicable modifications)
Degrees of protection
DIN EN 60529
Impact load, shocks
DIN EN 60068-2-27
Sinusoidal vibrations
DIN EN 60068-2-6
This device is classified as Class A equipment. It may cause radio interference in residential areas. In such cases, the operator may be held
liable for taking appropriate measures and for the incurrence of costs.
Housing and front plate
TP 04M
TP 06M
TP 06S
TP 07T
Housing
Sheet steel, galvanized
Front plate, natural anodized aluminum (H x W x D)
96 x 130 x 5 mm
147 x 203 x 5 mm
Grommet
Circumferential rubber grommet on the rear
Mounting cutout (H x W)
88 x 122 mm
139 x 195 mm
Installation depth
33 mm,
approximately
54 mm, approximately
Degrees of protection
Front: IP65; rear: IP20
Total weight
500 g,
approximately
1000 g, approximately



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com