Electronic Components Datasheet Search
  English  ▼

X  

7313 Datasheet(PDF) 16 Page - PHOENIX CONTACT

Part # 7313
Description  Touch panels with STN/FSTN or TFT display
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

7313 Datasheet(HTML) 16 Page - PHOENIX CONTACT

Back Button 7313 Datasheet HTML 9Page - PHOENIX CONTACT 7313 Datasheet HTML 10Page - PHOENIX CONTACT 7313 Datasheet HTML 11Page - PHOENIX CONTACT 7313 Datasheet HTML 12Page - PHOENIX CONTACT 7313 Datasheet HTML 13Page - PHOENIX CONTACT 7313 Datasheet HTML 14Page - PHOENIX CONTACT 7313 Datasheet HTML 15Page - PHOENIX CONTACT 7313 Datasheet HTML 16Page - PHOENIX CONTACT 7313 Datasheet HTML 17Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
TP 04M, TP 06M, TP 06S, TP 07T
7313_en_03
PHOENIX CONTACT
16
11
VISU+
VISU+ is an industrial visualization software which can be
used on all hardware platforms under Windows CE and XP
operating systems.
The TPxx series uses Windows CE as its operating system.
The visualization functionality is limited under Windows CE.
In addition, performance is reduced by the choice of
hardware.
Please observe the following restrictions:
•
Lower speed
•
Less memory space
•
Limited trending
•
Limited data logging
•
Limited alarming
•
Processing of data amount (hardware-dependent)
•
Graphical elements of the VISU+ library (e.g., tank
views with traverses) cannot be completely displayed.
Recommendations to improve performance
1.
Reducing the page switchover time (page clearing)
To ensure a rapid switchover time between the pages to be
visualized, the "Not destroyable" option should be set in the
project file. Using this setting the page remains in RAM. The
RAM assignment directly depends on both the displayed
page size and the total number of pages. A RAM area of
approximately 12 ... 13 MB is available for the saving of
pages. A total of approximately 40 ... 50 pages can be saved
in this area, depending on the page memory requirements.
For the touch panel templates, the "Not destroyable" option
is set by default.
When starting the runtime environment, only pages with the
"Not destroyable" option activated will be preloaded into
RAM provided that the option "Preload process images" has
been selected for the project.
In this case, the starting time will be prolonged once by the
page load times.
2.
Using IL (instruction list)
Assigning an IL script to a page requires a RAM area of
approximately 800 kB. Due to the limited memory capacity,
it is only possible to preload a maximum of 10 pages. In
addition, the script runs in the background if the "Not
destroyable" option is selected.
The scripts of all pages loaded into RAM are processed in
parallel. Even the scripts stored in background are
processed. This may lead to undesired interactions.
For the global use of IL scripts within a project, the engine
should be stored on the overview page.
3.
Using VBA (Visual Basic for Applications)
Assigning VBA to a page requires a RAM area of
approximately 800 kB. Due to the limited memory capacity,
it is only possible to preload a maximum of 10 pages. In
addition, VBA runs in the background if the "Not
destroyable" option is selected.
For the global use of data within a project, the engine should
be stored on the overview page.
VISU+ functions
I/O variables in bytes (tags)
4096
Graphical interface and objects
Limited
Alarms
Limited
Short-cut and menu editor
Yes
Virtual pad (for touch screen)
Yes
Historical log for events
Limited
Dynamic language management
Yes
General logic
Yes
VBA multithreading
Yes
Trending
Limited
Recipe data logger
Limited
Reporting
Not available
Networking
Yes
Statistic alarms
Not available
SMS/voice/fax/e-mails
Not available
Modem services
Driver tapi
Not available
Charts
Yes
OPC client
Yes
Runtime user management
Not available (ARM9)
Yes (XScale)
To avoid confusion in the IL scripts, unused
pages should always be "cleared" if they contain
IL scripts possibly affecting other pages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com