Electronic Components Datasheet Search
  English  ▼

X  

7313 Datasheet(PDF) 17 Page - PHOENIX CONTACT

Part # 7313
Description  Touch panels with STN/FSTN or TFT display
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

7313 Datasheet(HTML) 17 Page - PHOENIX CONTACT

Back Button 7313 Datasheet HTML 9Page - PHOENIX CONTACT 7313 Datasheet HTML 10Page - PHOENIX CONTACT 7313 Datasheet HTML 11Page - PHOENIX CONTACT 7313 Datasheet HTML 12Page - PHOENIX CONTACT 7313 Datasheet HTML 13Page - PHOENIX CONTACT 7313 Datasheet HTML 14Page - PHOENIX CONTACT 7313 Datasheet HTML 15Page - PHOENIX CONTACT 7313 Datasheet HTML 16Page - PHOENIX CONTACT 7313 Datasheet HTML 17Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 17 / 17 page
background image
TP 04M, TP 06M, TP 06S, TP 07T
7313_en_03
17
PHOENIX CONTACT GmbH & Co. KG • 32823 Blomberg • Germany • Phone: +49-(0) 5235-3-00
PHOENIX CONTACT • P.O.Box 4100 • Harrisburg • PA 17111-0100 • USA • Phone: +717-944-1300
www.phoenixcontact.com
4.
Heap management
Heap management is used for memory management using
the VISU+ runtime environment. The request and release of
memory areas is both dynamic and unpredictable.
If there is no automatic garbage collection, the
fragmentation of the total available memory may lead to new
memory requirements not being able to be met even though
the sum of available free memory would, theoretically, still
be high enough.
Heap management can be activated to ensure a more
efficient memory management and thus reduced access
times.
For activating the heap management, proceed as follows:
1.
Start the project file on the PC.
2.
Open all project pages and options of the project file.
3.
Stop the project on the PC.
4.
Activate heap management by selecting the Set value
of last start option.
The values automatically determined by the heap
management are set.
12
General user notes
Error message
Figure 14
Example, error message
13
Portrait (vertical) mode on the
touch panel
Depending on the application to be visualized, it may be
necessary to select the portrait mode for representation
purposes. By default, all touch panels support a 90° rotation
of the visualization.
Figure 15
Example, portrait mode
To use the portrait mode, proceed as follows:
1.
Set the portrait mode on the touch panel.
2.
Set the VISU+ visualization software to portrait mode.
•
In the root path of the project, the
"Projectname.constraints" configuration file is
automatically created and saved during initial project
creation. This file contains information, such as the
maximum limits of the display device type.
•
Close the project file if it is open.
•
Open the "Projectname.constraints" configuration file
for processing using an editor (e.g., NotePad).
•
Swap the X/Y limit value entries with one another:
–
MaxScreenSize CX, e.g., 800 (pixel)
–
MaxScreenSize CY, e.g., 600 (pixel)
•
Open the VISU+ program user interface and load the
required project file.
•
Modify the required X/Y limit values in the program user
interface.
Error message
Remedy
Flash full
Delete any data in the flash memory
that is no longer needed.
(e.g., via FTP access)
To swap out memory data, use a
USB memory extension, if necessary.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com