Electronic Components Datasheet Search
  English  ▼

X  

7313 Datasheet(PDF) 12 Page - PHOENIX CONTACT

Part # 7313
Description  Touch panels with STN/FSTN or TFT display
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

7313 Datasheet(HTML) 12 Page - PHOENIX CONTACT

Back Button 7313 Datasheet HTML 8Page - PHOENIX CONTACT 7313 Datasheet HTML 9Page - PHOENIX CONTACT 7313 Datasheet HTML 10Page - PHOENIX CONTACT 7313 Datasheet HTML 11Page - PHOENIX CONTACT 7313 Datasheet HTML 12Page - PHOENIX CONTACT 7313 Datasheet HTML 13Page - PHOENIX CONTACT 7313 Datasheet HTML 14Page - PHOENIX CONTACT 7313 Datasheet HTML 15Page - PHOENIX CONTACT 7313 Datasheet HTML 16Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
TP 04M, TP 06M, TP 06S, TP 07T
7313_en_03
PHOENIX CONTACT
12
Figure 7
Setup Main operating mode
Figure 8
OPC ResEdit
Settings, Contrast:
In the Setup Main operating mode display, default values
are used for contrast and brightness. This ensures display
even in the event of faulty values. Changing a value requires
confirmation in an additional dialog box. The values are not
accepted if Cancel is pressed or confirmation does not take
place within 5 seconds.
This entry is password-protected. Depending on the display
type, different values can be modified:
Settings, Date / Time:
Set the date and time. Press Refresh to update the values.
Settings, Password:
The password can be activated, deactivated or redefined.
When the password is activated, all password-protected
dialog boxes can only be accessed by prior entry of
password.
This entry is password-protected.
Settings, Information:
The following information is output: serial number, part
number, image version, image date, flash size, SRAM size,
and PLC/Visu RAM size.
OPC ResEdit:
The OPC Resource Editor is started. Resource, type and
parameter settings can be made.
This entry is password-protected.
In f o r m a t io n
C o n t r ast
C o n t r ast
15
OK
Ap p l y
B r i g h t n ess
15
C a n cel
C ont r a s t
D a t e / T i m e
P assw o r d
Ho m e
Se t t i n g s
In f o r m a t io n
Da t e / T i m e
OK
A ppl y
C u r r e nt Ti m e
15 : 0 0 : 00 A M
X
Ti m e Zo ne
( G M T + 0 1 : 0 0 ) A m s t e r d a m , Be r l i n , Be r n , Ro m e
A u t o m a t i cal l y ad j u st cl o ck f o r d ayl i g h t savi n g
P assw o r d
S N R : 10234567 89
P r o d . I D : 80870 . 030
I m a g e_O f f e n e P l at t f o r m _ A X _H M I _ E P
9307 _C E 5 . 0 0
B u i l t : S e p 12 2007 13 : 2 3 : 28
F l ash S i z e : 32 M B
S R A M S i z e : 512 kB
P L C / V I S U R A M : 0 / 460 kB
B u scl o c k : 99 M H z
C l i ck O K t o g o b ack t o m a i n
C u r r e n t P assw o r d
OK
Ch a n g e
C a n cel
8 b p p
16 b p p
Co l o r D e p t h
E n ab l e P assw o r d
Pr i n t e r
Pr i n t e r
US B P r i n t e r
OK
C a n cel
Ne t w o r k P r i n t e r
Pa t h :
Update
Touch Screen
&Registry
Network
Settings
OPCResEdit
Setup Main
Exit
Settings
Add
ILC3x0
-ip127.0.0.1
Del
Save
Close
Display type
Contrast
Brightness
STN (mono)
X
-
STN (color)
X
X
TFT
-
X
The addition "-ip" must always be retained.
(Example: -ip192.168.42.1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com