Electronic Components Datasheet Search
  English  ▼

X  

7313 Datasheet(PDF) 11 Page - PHOENIX CONTACT

Part # 7313
Description  Touch panels with STN/FSTN or TFT display
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

7313 Datasheet(HTML) 11 Page - PHOENIX CONTACT

Back Button 7313 Datasheet HTML 7Page - PHOENIX CONTACT 7313 Datasheet HTML 8Page - PHOENIX CONTACT 7313 Datasheet HTML 9Page - PHOENIX CONTACT 7313 Datasheet HTML 10Page - PHOENIX CONTACT 7313 Datasheet HTML 11Page - PHOENIX CONTACT 7313 Datasheet HTML 12Page - PHOENIX CONTACT 7313 Datasheet HTML 13Page - PHOENIX CONTACT 7313 Datasheet HTML 14Page - PHOENIX CONTACT 7313 Datasheet HTML 15Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
TP 04M, TP 06M, TP 06S, TP 07T
7313_en_03
PHOENIX CONTACT
11
Figure 6
Network Settings
Network Settings, Fix Settings, IP Address:
Enter an IP address and the subnet mask.
After confirming the information, DHCP is automatically
deactivated.
This entry is password-protected.
Network Settings, Fix Settings, Gateway:
Define the default gateway.
After confirming the information, DHCP is automatically
deactivated.
This entry is password-protected.
Network Settings, Fix Settings, DNS:
Here you can enter a primary and a secondary DNS server
address.
After confirming the information, DHCP is automatically
deactivated.
This entry is password-protected.
Network Settings, Fix Settings, WINS:
Here you can enter primary and secondary WINS
addresses.
After confirming the information, DHCP is automatically
deactivated.
This entry is password-protected.
Network Settings, Current IP:
Displays the current IP address, subnet mask, device name,
DHCP status, and gateway.
Network Settings, DHCP:
This menu item is used to activate the DHCP service. The
settings must be saved when exiting the menu or via "Save
Registry Settings".
This entry is password-protected.
Network Settings, Device Name:
Specify a device name with a maximum of 15 characters.
The device can be accessed by the device name instead of
the IP address by using an FTP connection.
This entry is password-protected.
T C P / I P In f o
F i x S e tti n g s
Ho m e
N e t w or k S e t t i ng s
DHCP
De v i c e Na m e
IP A d d r e s s
0 00. 00 0 . 0 0 0 . 00 0
0 00. 00 0 . 0 0 0 . 00 0
IP A d d r e s s
S u bne t M a s k
OK
Ca n c e l
M A C : 0 - 0 - 0 0 -0 -0 -0 0
I P : 1 9 2 . 1 68. 10 0 . 8 2
M a s k : 25 5. 2 5 5 . 25 5 . 0
De v i c e Na m e : M y Na m e
DHCP e n a b l e d
G a t e : 0. 0. 0. 0
T C P - IP In f o
E n t e r D e vi ce N a m e
De v i c e Na m e
My N a m e
OK
Ca n c e l
C h a n g e D e fa u l t G a te w a y
0 0 0. 0 0 0. 0 0 0. 0 0 0
Ga t e wa y
OK
Ca n c e l
Pr i m a r y D N S
0 00. 00 0 . 0 0 0 . 00 0
0 00. 00 0 . 0 0 0 . 00 0
DNS
S e c o n d a r y DNS
OK
Ca n c e l
WI N S
OK
Ca n c e l
Pr i m a r y W I N S
0 00. 00 0 . 0 0 0 . 00 0
0 00. 00 0 . 0 0 0 . 00 0
S e c ond a r y W I N S
DHCP e n a b l e d
S a v e re g i s t ry a n d re s t a r t d e v i c e t o
w o rk w i t h n e w p a ra m e t e rs
DHCP
Up d a t e
T o uc h S c r e en
& R e g i s t r y
Ne t w o r k
Se t t i n g s
O P C Re s E d i t
S e t up M a i n
Ex i t
S e tti n g s
FTP S e t t i ngs
FT P S e t t i ngs
A dd ne w u s e r
Ho m e
L i s t al l u s er s
De l e t e a u s e r
A dd n e w u s e r / D e l e t e a us e r
En t e r U s e r
My N a m e
OK
Ca n c e l
En t e r Pa s s w o r d
****
C onf i r m P a s s w o r d
****
OK
Ca n c e l
Pa s s w o r d
****
C onf i r m
****
IP A d d r e s s
Ga t e w a y
Ho m e
F i x S e tti n g s
DNS
WI N S
All addresses must be entered in the format
"xxx.xxx.xxx.xxx".
Numbers less than 100 must be filled with leading
zeros.
(Example: 192.168.42.1 -> 192.168.042.001)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com