Electronic Components Datasheet Search
  English  ▼

X  

7313 Datasheet(PDF) 14 Page - PHOENIX CONTACT

Part # 7313
Description  Touch panels with STN/FSTN or TFT display
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

7313 Datasheet(HTML) 14 Page - PHOENIX CONTACT

Back Button 7313 Datasheet HTML 9Page - PHOENIX CONTACT 7313 Datasheet HTML 10Page - PHOENIX CONTACT 7313 Datasheet HTML 11Page - PHOENIX CONTACT 7313 Datasheet HTML 12Page - PHOENIX CONTACT 7313 Datasheet HTML 13Page - PHOENIX CONTACT 7313 Datasheet HTML 14Page - PHOENIX CONTACT 7313 Datasheet HTML 15Page - PHOENIX CONTACT 7313 Datasheet HTML 16Page - PHOENIX CONTACT 7313 Datasheet HTML 17Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
TP 04M, TP 06M, TP 06S, TP 07T
7313_en_03
PHOENIX CONTACT
14
9Interface assignment
9.1
Supply voltage
Figure 10
Supply voltage
9.2
USB
Figure 11
Two USB host interfaces
9.3
Ethernet
Figure 12
Ethernet interface
DANGER: Hazardous contact voltage
In electrical systems, hazardous voltages may
occur posing a danger to humans. There is a risk
of electric shock when touching live parts.
Work must only be carried out by qualified
personnel familiar with the required safety
measures.
NOTE:
Provide a separate cable for protective grounding
at the threaded bolt. The cable must have a
minimum cross section of 1.5 mm² and must be
as short as possible.
Pin
Designation
Function
1
Low-noise ground
2
0 V
0 V supply voltage
3
+24 V DC
24 V DC supply voltage
Use a fine strand cable with a minimum cross
section of 0.75 mm² and a maximum cross
section of 2.5 mm² for the supply voltage.
Pin
Designation
1VCC (+5 V DC)
2Data–
3Data+
4GND
Use a fine strand cable with a minimum cross
section of 0.75 mm² and a maximum cross
section of 2.5 mm² for the supply voltage.
For the specification of a suitable cable, please
refer to the "Universal Serial Bus Specification
Rev. 2.0".
The maximum cable length for the cable used is
2.5 m.
Pin
Designation
Function
1
Tx+
Transmit data, positive polarity
2
Tx-
Transmit data, negative polarity
3
Rx+
Receive data, positive polarity
4n.c.
Not connected
5n.c.
Not connected
6
Rx-
Receive data, negative polarity
7n.c.
Not connected
8n.c.
Not connected
Use a category 5 (CAT 5) twisted pair cable. The
maximum cable length is 100 m.
For additional information, please refer to the
IEEE 802.3 standard.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com