Electronic Components Datasheet Search
  English  ▼

X  

8437 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 8437
Description  AXL E PB DIO16 M12 6P
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

8437 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  8437 Datasheet HTML 1Page - PHOENIX CONTACT 8437 Datasheet HTML 2Page - PHOENIX CONTACT 8437 Datasheet HTML 3Page - PHOENIX CONTACT 8437 Datasheet HTML 4Page - PHOENIX CONTACT 8437 Datasheet HTML 5Page - PHOENIX CONTACT 8437 Datasheet HTML 6Page - PHOENIX CONTACT 8437 Datasheet HTML 7Page - PHOENIX CONTACT 8437 Datasheet HTML 8Page - PHOENIX CONTACT 8437 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
AXL E PB DIO16 M12 6P
8437_en_03
PHOENIX CONTACT
3
Description
Type
Order No.
Pcs./Pkt.
Axioline E PROFIBUS device in a plastic housing with 16 freely configu-
rable inputs or outputs, 24 V DC, M12 fast connection technology
AXL E PB DIO16 M12 6P
2701499
1
Accessories
Type
Order No.
Pcs./Pkt.
An M12 screw plug for the unoccupied M12 sockets of the sensor/actuator
cable, boxes and flush-type connectors (Protection and sealing elements)
PROT-M12
1680539
5
Bus system T-plug, PROFIBUS, M12 B-coded male plug to M12 B-coded
male plug and M12 B-coded female plug, shielded (Connector/Adapter)
SAC-M12T/2XM12 PB DP
1507780
1
Terminating resistor PROFIBUS M12 (Connector/Adapter)
SAC-5P-M12MS PB TR
1507803
5
Snap-in markers, Sheet, white, unlabeled, can be labeled with:
THERMOMARK CARD, BLUEMARK CLED, BLUEMARK LED,
TOPMARK LASER, Mounting type: snapped into marker carrier,
Lettering field: 7 x 10 mm (Marking)
UCT-EM (7X10)
0830765
10
Documentation
Type
Order No.
Pcs./Pkt.
User manual, English, Axioline E: system and installation
UM EN AXL E SYS INST
-
-
Application note, English, Startup of Axioline E PROFIBUS devices
on a SIMATIC® S7 controller (for experienced S7 users)
AH EN S7 - AXL E PB PRO
-
-
Additional ordering data
For additional accessories, visit phoenixcontact.net/products.
3Ordering data
Dimensions (nominal sizes in mm)
Width
60 mm
Height
185 mm
Depth
30.5 mm
Note on dimensions
The height is 212 mm including fixing clips.
4
Technical data
185
212
198,5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com