Electronic Components Datasheet Search
  English  ▼

X  

8437 Datasheet(PDF) 9 Page - PHOENIX CONTACT

Part # 8437
Description  AXL E PB DIO16 M12 6P
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

8437 Datasheet(HTML) 9 Page - PHOENIX CONTACT

Back Button 8437 Datasheet HTML 5Page - PHOENIX CONTACT 8437 Datasheet HTML 6Page - PHOENIX CONTACT 8437 Datasheet HTML 7Page - PHOENIX CONTACT 8437 Datasheet HTML 8Page - PHOENIX CONTACT 8437 Datasheet HTML 9Page - PHOENIX CONTACT 8437 Datasheet HTML 10Page - PHOENIX CONTACT 8437 Datasheet HTML 11Page - PHOENIX CONTACT 8437 Datasheet HTML 12Page - PHOENIX CONTACT 8437 Datasheet HTML 13Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
AXL E PB DIO16 M12 6P
8437_en_03
PHOENIX CONTACT
9
6.3
Pin assignment of the power supply U
S/UA
Figure 4
Pin assignment of the power supply, T-coded
6.4
Connecting inputs and outputs
Figure 5
Input and output connections
6.5
Pin assignment of the inputs and outputs
Figure 6
Pin assignment of the inputs and outputs,
A-coded
Pin
IN
OUT
Conductor
colors
1
+24 V DC (U
S)+24 V DC (US)Brown
2GND (U
A)GND (UA)White
3GND (U
S)GND (US)Blue
4
+24 V DC (U
A)+24 V DC (UA)Black
X32
X31
4
3
2
1
4
3
2
1
Designation
Meaning
DIO1 ... DIO16 (X01 ... X08) Inputs/outputs 1 ... 16
Pin
Input/output socket
1
+24 V DC (U
S)
2
Input/output 2, 4, 6, ... 16
3GND
4
Input/output 1, 3, 5, ... 15
5FE
DIO1 ... DIO16
X01, X03, X05, X07
2
3
4
5
1
X02, X04, X06, X08
2
3
4
5
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com