Electronic Components Datasheet Search
  English  ▼

X  

8437 Datasheet(PDF) 14 Page - PHOENIX CONTACT

Part # 8437
Description  AXL E PB DIO16 M12 6P
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

8437 Datasheet(HTML) 14 Page - PHOENIX CONTACT

Back Button 8437 Datasheet HTML 9Page - PHOENIX CONTACT 8437 Datasheet HTML 10Page - PHOENIX CONTACT 8437 Datasheet HTML 11Page - PHOENIX CONTACT 8437 Datasheet HTML 12Page - PHOENIX CONTACT 8437 Datasheet HTML 13Page - PHOENIX CONTACT 8437 Datasheet HTML 14Page - PHOENIX CONTACT 8437 Datasheet HTML 15Page - PHOENIX CONTACT 8437 Datasheet HTML 16Page - PHOENIX CONTACT 8437 Datasheet HTML 17Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
AXL E PB DIO16 M12 6P
8437_en_03
PHOENIX CONTACT
14
11
Process data
11.1
Assignment of the terminal points to the IN process data
The I/O data are mapped as follows:
Key:
11.2
Assignment of the terminal points to the OUT process data
The I/O data are mapped as follows:
Key:
11.3
Status module
The device has a status module in slot 1.
The status is mapped as follows.
11.4
Configuration of digital inputs and outputs
A channel, whether an input or an output, is configured by using the IN or OUT process data according to the channel func-
tion. Parameterization is not necessary.
Input process data
Byte
Byte 0
Byte 1
Bit
765
43
210
76
543
21
0
IN
07
06
05
04
03
02
01
00
17
16
15
14
13
12
11
10
Connection
X04
X03
X02
X01
X08
X07
X06
X05
Pin
242
42
424
24
242
42
4
DI
8
7
6
5
4
3
2
1
16
15
14
13
12
11
10
9
Bit:
Process data assignment
IN:
LED marking
DI:
Input of the device
Output process data
Byte
Byte 0
Byte 1
Bit
765
43
210
76
543
21
0
OUT
070605
0403020100
1716
15141312
11
10
Connection
X04
X03
X02
X01
X08
X07
X06
X05
Pin
242
42
424
24
242
42
4
DO
8
7
6
5
4
3
2
1
16
15
14
13
12
11
10
9
Bit:
Process data assignment
OUT:
LED marking
DO:
Output of the device
Bit 31 ... bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reserved
Supply of the module electronics, sensors, and actuators (U
S)
Reserved
Outputs
Reserved
Undervoltage
Overload
Reserved
Overload
Short-circuit
If the channel is used as an output, the status of the channel is also mapped to the IN process data. This can
be useful, e.g., for diagnostic purposes.
If the channel is used as an input, the channel cannot simultaneously be used as an output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com