Electronic Components Datasheet Search
  English  ▼

X  

8437 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 8437
Description  AXL E PB DIO16 M12 6P
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

8437 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  8437 Datasheet HTML 1Page - PHOENIX CONTACT 8437 Datasheet HTML 2Page - PHOENIX CONTACT 8437 Datasheet HTML 3Page - PHOENIX CONTACT 8437 Datasheet HTML 4Page - PHOENIX CONTACT 8437 Datasheet HTML 5Page - PHOENIX CONTACT 8437 Datasheet HTML 6Page - PHOENIX CONTACT 8437 Datasheet HTML 7Page - PHOENIX CONTACT 8437 Datasheet HTML 8Page - PHOENIX CONTACT 8437 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1Description
Axioline E PROFIBUS device, plastic housing,
16 freely configurable inputs or outputs, 24 V DC,
M12 fast connection technology
AXL E PB DIO16 M12 6P
© PHOENIX CONTACT
Data sheet
The Axioline E device is designed for use within a
PROFIBUS network.
It is used to acquire and output digital signals.
PROFIBUS features
–
Connection to PROFIBUS DP
using M12 connectors (B-coded)
–DP/V1 for Class 1 and Class 2 masters
–
Data transmission speed of 9.6 kbps up to 12 Mbps
(automatic detection)
–
Rotary encoding switches for setting
the PROFIBUS address
–
Supported PROFIBUS addresses 0 to 126
–
PROFIBUS features: Sync mode, Freeze mode,
I & M functions
–
Device description using GSD file
Axioline E features
–
Connection of digital sensors and actuators
to M12 connectors (A-coded)
–
Diagnostic and status indicators
–
Short-circuit and overload protection
of the sensor supply
–
IP65/67 degree of protection
This data sheet is only valid in association with the associated user manual.
Make sure you always use the latest documentation.
It can be downloaded from the product at phoenixcontact.net/products.
8437_en_03
2015-09-03


Similar Part No. - 8437

ManufacturerPart #DatasheetDescription
logo
Heyco.
8437 HEYCO-8437 Datasheet
264Kb / 1P
Heyco® Original Series-35 Liquid Tight Cordgrips
logo
Keystone Electronics Co...
8437 KEYSTONE-8437 Datasheet
310Kb / 1P
MALE/FEMALE THREADED STANDOFFS
logo
Integrated Device Techn...
843751 IDT-843751 Datasheet
217Kb / 17P
FemtoClock??SAS/SATA Clock Generator
logo
Renesas Technology Corp
843751 RENESAS-843751 Datasheet
412Kb / 18P
FemtoClock™ SAS/SATA Clock Generator
08.21.15
logo
Integrated Device Techn...
843751AMLF IDT-843751AMLF Datasheet
217Kb / 17P
FemtoClock??SAS/SATA Clock Generator
More results

Similar Description - 8437

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2701494 PHOENIX-2701494 Datasheet
346Kb / 29P
AXL E EIP DIO16 M12 6P
8432 PHOENIX-8432 Datasheet
295Kb / 17P
AXL E PB DIO16 M12 6M
8436 PHOENIX-8436 Datasheet
281Kb / 15P
AXL E PB DI16 M12 6P
8448 PHOENIX-8448 Datasheet
308Kb / 19P
AXL E PN DIO16 M12 6P
8542 PHOENIX-8542 Datasheet
339Kb / 25P
AXL E EC DIO16 M12 6P
8552 PHOENIX-8552 Datasheet
323Kb / 22P
AXL E ETH DIO16 M12 6P
8562 PHOENIX-8562 Datasheet
324Kb / 23P
AXL E S3 DIO16 M12 6P
2701511 PHOENIX-2701511 Datasheet
1Mb / 31P
Digital module - AXL E PN DIO16 M12 6P
Dec 9, 2022
2701534 PHOENIX-2701534 Datasheet
1Mb / 31P
Digital module - AXL E ETH DIO16 M12 6P
2701499 PHOENIX-2701499 Datasheet
1Mb / 33P
Digital module - AXL E PB DIO16 M12 6P
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com