Electronic Components Datasheet Search
  English  ▼

X  

8437 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 8437
Description  AXL E PB DIO16 M12 6P
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

8437 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  8437 Datasheet HTML 1Page - PHOENIX CONTACT 8437 Datasheet HTML 2Page - PHOENIX CONTACT 8437 Datasheet HTML 3Page - PHOENIX CONTACT 8437 Datasheet HTML 4Page - PHOENIX CONTACT 8437 Datasheet HTML 5Page - PHOENIX CONTACT 8437 Datasheet HTML 6Page - PHOENIX CONTACT 8437 Datasheet HTML 7Page - PHOENIX CONTACT 8437 Datasheet HTML 8Page - PHOENIX CONTACT 8437 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
AXL E PB DIO16 M12 6P
8437_en_03
PHOENIX CONTACT
4
General data
Housing material
Pocan
®
Color
anthracite
Weight
480 g
Ambient temperature (operation)
-25 °C ... 60 °C
CAUTION: Risk of burns
If the device is used at an ambient temperature above 50°C, the contact temperature of metal surfaces may exceed 70°C.
Ambient temperature (storage/transport)
-25 °C ... 85 °C
Permissible humidity (operation)
5 % ... 95 %
Permissible humidity (storage/transport)
5 % ... 95 %
Air pressure (operation)
70 kPa ... 106 kPa (up to 3000 m above sea level)
Air pressure (storage/transport)
70 kPa ... 106 kPa (up to 3000 m above sea level)
Degree of protection
IP65/IP67
Protection class
III, IEC 61140, EN 61140, VDE 0140-1
Connection data
Connection method
M12 connector
Interface PROFIBUS DP
Number
2
Connection method
2x M12 connectors, B-coded
Designation connection point
Copper cable
Number of positions
5
Transmission speed
9,6 kBit/s ... 12 MBit/s (Automatic baud rate detection)
Transmission physics
PROFIBUS-DP-compliant copper cable
PROFIBUS DP
Equipment type
PROFIBUS slave
PROFIBUS protocols
DP V1
Supply: Module electronics, sensors and actuators (U
S)
Connection method
M12 connector (T-coded)
Number of positions
4
Supply voltage
24 V DC
Nominal supply voltage range
18 V DC ... 31.2 V DC (including all tolerances, including ripple)
Typical current consumption
165 mA ±15 % (at 24 V DC)
Current consumption
max. 12 A
Supply: Actuators (U
A) for additional devices
Connection method
M12 connector (T-coded)
Number of positions
4
Supply voltage
24 V DC
Nominal supply voltage range
18 V DC ... 31.2 V DC (including all tolerances, including ripple)
Typical current consumption
3 mA ±15 % (at 24 V DC)
Current consumption
max. 12 A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com