Electronic Components Datasheet Search
  English  ▼

X  

8437 Datasheet(PDF) 17 Page - PHOENIX CONTACT

Part # 8437
Description  AXL E PB DIO16 M12 6P
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

8437 Datasheet(HTML) 17 Page - PHOENIX CONTACT

Back Button 8437 Datasheet HTML 9Page - PHOENIX CONTACT 8437 Datasheet HTML 10Page - PHOENIX CONTACT 8437 Datasheet HTML 11Page - PHOENIX CONTACT 8437 Datasheet HTML 12Page - PHOENIX CONTACT 8437 Datasheet HTML 13Page - PHOENIX CONTACT 8437 Datasheet HTML 14Page - PHOENIX CONTACT 8437 Datasheet HTML 15Page - PHOENIX CONTACT 8437 Datasheet HTML 16Page - PHOENIX CONTACT 8437 Datasheet HTML 17Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 17 / 17 page
background image
AXL E PB DIO16 M12 6P
8437_en_03
17
PHOENIX CONTACT GmbH & Co. KG • 32823 Blomberg • Germany
phoenixcontact.com
14
Sync/freeze mode
The device supports sync and freeze mode.
The functions must be activated by the PROFIBUS master
in the parameter data.
Input and output data is written or read at defined times with
the sync and freeze commands.
If the device receives a sync command from the PROFIBUS
master at any given time, the current OUT process data is
transferred and frozen until the next sync command.
Similarly, the states of the inputs are transferred on the re-
spective freeze command and are frozen until the next
freeze command.
15
Diagnostic alarms
PROFIBUS enables the PROFIBUS device to store diag-
nostic information together with the error location and error
type.
In the default upon delivery the alarms are enabled, how-
ever, they can be disabled with parameters on startup.
An incoming alarm informs the PROFIBUS device that diag-
nostic information has been entered.
When the diagnostic information has been removed, an out-
going alarm is sent to the device.
If at least one piece of diagnostic information is stored, the
SF LED is on. If no diagnostic information is present, the
SF LED is off.
The following PROFIBUS diagnostic messages are indi-
cated by the PROFIBUS device:
–
Overtemperature of the device
–Surge voltage of U
S
–
Overload of U
S
–
Short circuit of an output
–Output overload
16
Monitoring
A process data watchdog is integrated into the device to
avoid uncontrolled setting/resetting of outputs in the event of
an error.
If device outputs are set, the controlling process must be
able to access the device.
In the event of an error, e.g., bus cable interrupted or func-
tion error in the controlling process, the device can respond
appropriately via the process data watchdog.
When activating the process data watchdog, it is started by
the first write process and the next write process is expected
within the timeout period. During error-free operation, the
write process is performed during the timeout period and the
watchdog is restarted (triggered).
If there is no triggering during the timeout period, an error oc-
curred. Two responses follow:
–
All outputs are set to the configured substitute value.
–
The BF LED indicates the corresponding state.
17
Substitute value behavior
If PROFIBUS communication fails or if no valid process data
is received from the PROFIBUS master, all device outputs
are set to the parameterized substitute values.
Reading calls do not trigger the process data
watchdog.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com