Electronic Components Datasheet Search
  English  ▼

X  

8437 Datasheet(PDF) 12 Page - PHOENIX CONTACT

Part # 8437
Description  AXL E PB DIO16 M12 6P
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

8437 Datasheet(HTML) 12 Page - PHOENIX CONTACT

Back Button 8437 Datasheet HTML 8Page - PHOENIX CONTACT 8437 Datasheet HTML 9Page - PHOENIX CONTACT 8437 Datasheet HTML 10Page - PHOENIX CONTACT 8437 Datasheet HTML 11Page - PHOENIX CONTACT 8437 Datasheet HTML 12Page - PHOENIX CONTACT 8437 Datasheet HTML 13Page - PHOENIX CONTACT 8437 Datasheet HTML 14Page - PHOENIX CONTACT 8437 Datasheet HTML 15Page - PHOENIX CONTACT 8437 Datasheet HTML 16Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
AXL E PB DIO16 M12 6P
8437_en_03
PHOENIX CONTACT
12
10
Local status and diagnostic indicators
10.1
Indicators for bus and power supply
Figure 9
LEDs for bus and power supply
Designation
Color
Meaning
State
Description
RDY
Green/
yellow/
red
Ready
Green
ON
Device ready to operate
Yellow
flashing
Firmware update is being performed.
Flashing
green/
yellow
Over- or undervoltage at U
S
Temperature of the device is in the critical area.
And red US LED: sensor supply overload
Red ON
Rotary encoding switches are set to an invalid/reserved position.
OFF
Device is not ready for operation.
BF
Red
Bus Fault
Red ON
No communication on PROFIBUS
Device is starting up.
No baud rate detected by device.
Red
flashing
Device has not been configured by the master.
Red
flashing
Device configuration does not match.
Invalid parameter data received from the master.
Invalid bus address
The device is in the clear or stop state. The outputs are in the safe
state.
OFF
No error
SF
Red
Group error
Red ON
Device-specific diagnostics present, e.g., short circuit at the I/O de-
vices.
Hardware is faulty.
Device data or parameter data do not match.
OFF
No error
US
Green/
red
U
Sensorik
Green
ON
Communications power/sensor voltage present
OFF
Communications power/sensor voltage not present or too low.
Red ON
Sensor voltage overload
UA
Green
U
Aktorik
ON
Actuator voltage present.
OFF
Actuator voltage not present.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com