Electronic Components Datasheet Search
  English  ▼

X  

PQ Datasheet(PDF) 4 Page - Hirose Electric

Part # PQ
Description  High Power/Signal Connectors for Industrial Machinery
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

PQ Datasheet(HTML) 4 Page - Hirose Electric

  PQ_18 Datasheet HTML 1Page - Hirose Electric PQ_18 Datasheet HTML 2Page - Hirose Electric PQ_18 Datasheet HTML 3Page - Hirose Electric PQ_18 Datasheet HTML 4Page - Hirose Electric PQ_18 Datasheet HTML 5Page - Hirose Electric PQ_18 Datasheet HTML 6Page - Hirose Electric PQ_18 Datasheet HTML 7Page - Hirose Electric PQ_18 Datasheet HTML 8Page - Hirose Electric PQ_18 Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
PQ Series●High Power/Signal Connectors for Industrial Machinery
[ Water-resistant type ] PQ50W Series
Ratings
With 12.5A/pin type contacts
Voltage
AC/DC 300V
Operating Temp. Range
−40ç to +105ç
Current
12.5A/pin
With UL1007 18 AWG
* Depending on current capacity
of the cable used.
Storage Temp.
Range
−55ç to +85ç
Items
Specifications
Conditions
1. Contact resistance
1
5mø max
Measured at 100mA
2. Insulation
resistance
Minimum of 5,000Mø
Measured at DC 500V
3. Withstand voltage
No flashover or breakdown.
Apply AC 2,200V for one minute.
4. Durability
Contact resistance : Increase by 10mø or less
from the initial value.
Perform 500 mating cycles.
5. Vibration
resistance
qNo electrical discontinuity of 10µs or more.
wNo broken, cracked or loosened parts.
Frequency 10 to 55 Hz (5 min/cycle)
With half amplitude 0.75mm, 2 hours each for 3
directions.
6. Shock resistance
Acceleration 490m/s
2, duration 11ms, half-sine
wave, 3 times each for 6 axial directions.
7. Temperature
cycles
qChange of contact resistance: 10mø or less
wInsulation resistance : 1,000Mø or more
eNo broken, cracked or loosened parts.
Temperature : −55 ➝ +15 to 35 ➝ +105 ➝ +15
to +35ç
Time : 30 ➝ 2 to 3 ➝ 30 ➝ 2 to 3 min.
Subjected to 5 cycles of time and temp. as noted.
8. Moisture resistance
in steady state
qChange of contact resistance : 10mø or less
wInsulation resistance : 1,000Mø or more
(after drying)
eNo broken, cracked or loosened parts.
Left in environment of 60ç ±2° and humidity of
90% to 95% for 96 hours.
9. Salt water spray
No significant corrosion or damage that impairs
functioning.
5% concentration of salt water spray for 48 hours.
(in mated condition)
10. Water resistance
IP65
1
Excluding conductor resistance of the cable.
*For test methods not described here, JIS C 5402 is applied.
■Materials / Finish
PQ50 Series
Item
Parts
Materials
Finish
Remarks
Receptacle
Crimp case
PBT resin
Black
UL94V-0
Panel Shell
Zinc die cast
Nickel plating
-
Plug
Crimp case
PBT resin
Black
UL94V-0
Crimp case Shell
Stainless steel
Nickel plating
--------------
Cover case
Zinc die cast
M4 pan head machine
screw
Steel
Clamp metal
Steel
In-line plug
Crimp case
PBT resin
Black
UL94V-0
In-line plug shell
Zinc die cast
Nickel plating
--------------
In-line cover case
M4 pan head machine
screw
Steel
Clamp metal
Steel
PQ50S Series
Item
Parts
Materials
Finish
Remarks
Receptacle
Crimp case
PBT resin
Black
UL94V-0
Panel Shell
Heat-resistant
engineering plastic resin
Nickel plating
--------------
M4 insert nut
Brass
Plug
Crimp case
PBT resin
Black
UL94V-0
Crimp case Shell
Stainless steel
Nickel plating
--------------
Cover case
Heat-resistant
engineering plastic resin
UL94V-0
Clamp metal
Steel
--------------
M4 insert nut
Brass



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com