Electronic Components Datasheet Search
  English  ▼

X  

PQ Datasheet(PDF) 5 Page - Hirose Electric

Part # PQ
Description  High Power/Signal Connectors for Industrial Machinery
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

PQ Datasheet(HTML) 5 Page - Hirose Electric

  PQ_18 Datasheet HTML 1Page - Hirose Electric PQ_18 Datasheet HTML 2Page - Hirose Electric PQ_18 Datasheet HTML 3Page - Hirose Electric PQ_18 Datasheet HTML 4Page - Hirose Electric PQ_18 Datasheet HTML 5Page - Hirose Electric PQ_18 Datasheet HTML 6Page - Hirose Electric PQ_18 Datasheet HTML 7Page - Hirose Electric PQ_18 Datasheet HTML 8Page - Hirose Electric PQ_18 Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
PQ Series●High Power/Signal Connectors for Industrial Machinery
PQ50W Series
Item
Parts
Materials
Finish
Remarks
Crimp case
Crimp case
PBT resin
Black
UL94V-0
Receptacle
Panel Shell
Heat-resistant
engineering plastic resin
Nickel plating
UL94V-0
Ground contact
Stainless steel
--------------
O-ring for mating
NBR
Black
Lock lever
PA resin
UL94V-0
Rubber packing
NBR
--------------
Plug
Plug shell
Heat-resistant
engineering plastic resin
Black
UL94V-0
Ground contact
Stainless steel
Nickel plating
--------------
M2 tapping screw
Steel
Trivalent chromate
Cover case
Nickel plating
Gasket
NBR
Red
Clamp metal (body)
Heat-resistant
engineering plastic resin
Black
UL94V-0
Cable clamp
M3 insert nut
Brass
Nickel plating
--------------
M3 pan head machine screw
Steel
● Contacts (PQ50, PQ50S, PQ50W)
Part No.
Parts
Materials
Finish
Remarks
PQ50
-15PCFA
Male contact
Copper alloy
Gold plating (contact area)
+
Tin plating (barrel area)
--------------
PQ50A -15PCFA
PQ50
-15SCFA
Female contact
PQ50
-1618PCFA
Male contact
PQ50A -1618PCFA
PQ50
-1618SCFA
Female contact
PQ50
-2022PCFA
Male contact
PQ50A -2022PCFA
PQ50
-2022SCFA
Female contact
PQ50S -1822PCFA
Male contact
PQ50SA-1822PCFA
PQ50S -1822SCFA
Female contact
PQ50S -2428PCFA
Male contact
PQ50SA-2428PCFA
PQ50S -2428SCFA
Female contact
■Product Number Structure
Refer to the chart below when determining the product specifications from the product number.
Please select from the product numbers listed in this catalog when placing orders.
●Crimp Housing
PQ 50 W S − 25 P − UNIT
❶❷
❸
❹
❺
❻
❼
❶ Series name
PQ
❷ Wiring style
Crimping
❸ Connector specifications
W…Water-resistant type
None…Non water-resistant type
❹ Contact size
S…Small contact (12.5A/pin) type
None…Standard contact (19A/pin) type
❺ Shell size
25…25 pos. unit
    20…20 pos. unit   48…48 pos. unit
❻ Contact type
P…Male contact
S…Female contact
❼ Shapes
UNIT…Rear mount multiple unit (PQ50W)
None… (PQ50, PQ50S)
●Crimp contact
PQ 50 S A − 1822 PC F A
❶❷
❸
❹
❺
❻
❼
❽
❶ Series name
PQ
❷ Wiring style
Crimping
❸ Contact size
S…Small contact (12.5A/pin) type
None…Standard contact (19A/pin) type
❹ Contact usage
A…Sequence contact (long contact)
None…Standard contact
❺ Applicable cable type
15…… 14 to 15 AWG (UL1015)
1618…16 to 18 AWG (UL1007, UL1015)
1822…18 to 22 AWG (UL1007) 17 AWG
2022…20 to 22 AWG (UL1007, UL1015)
2428…24 to 28 AWG (UL1007) 23 AWG
❻ Contact type
PC…Male contact
SC…Female contact
❼ Contact shapes
F…End-to-end contacts (on reel)
None…Discrete contacts
❽ Contact plating type
A…Gold plating (contact area)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com